Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH0603T-R10-F Datasheet(PDF) 8 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LMH0603T-R10-F
Description  SMD Ceramic Multilayer Chip Inductors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LMH0603T-R10-F Datasheet(HTML) 8 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Back Button LMH0603T-R10-F Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH0603T-R10-F Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH0603T-R10-F Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH0603T-R10-F Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH0603T-R10-F Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH0603T-R10-F Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH0603T-R10-F Datasheet HTML 10Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH0603T-R10-F Datasheet HTML 11Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH0603T-R10-F Datasheet HTML 12Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Electrical Characteristics
Part Number
Inductance
(nH)
at 100MHz
Tolerance
Q Min
At 100MHz
SRF
(MHz) Typ
DC Resistance
(Ω) Max
IDC
(mA) Max
LMH1005T-0N2-S
0.2
S
8
10000
0.10
400
LMH1005T-0N3-S
0.3
S
8
10000
0.10
400
LMH1005T-0N4-S
0.4
S
8
10000
0.10
400
LMH1005T-0N5-S
0.5
S
8
10000
0.10
400
LMH1005T-0N6-S
0.6
S
8
10000
0.10
400
LMH1005T-0N7-S
0.7
S
8
10000
0.10
400
LMH1005T-0N8-S
0.8
S
8
10000
0.10
400
LMH1005T-1N0-S
1.0
S
8
10000
0.10
400
LMH1005T-1N2-S
1.2
S
8
10000
0.10
400
LMH1005T-1N5-S
1.5
S
8
9000
0.10
400
LMH1005T-1N8-S
1.8
S
8
8700
0.10
400
LMH1005T-2N0-S
2.0
S
8
8100
0.15
400
LMH1005T-2N2-S
2.2
S
8
8100
0.15
400
LMH1005T-2N4-S
2.4
S
8
7700
0.15
400
LMH1005T-2N7-S
2.7
S
8
7700
0.15
400
LMH1005T-3N0-S
3.0
S
8
6300
0.15
400
LMH1005T-3N3-S
3.3
S / K
8
6300
0.15
400
LMH1005T-3N6-S
3.6
S / K
8
6100
0.15
400
LMH1005T-3N9-S
3.9
S / K
8
6100
0.20
400
LMH1005T-4N3-S
4.3
S / K
8
5400
0.20
400
LMH1005T-4N7-S
4.7
S / K
8
5400
0.20
400
LMH1005T-5N6-S
5.6
S / K
8
5100
0.20
400
LMH1005T-6N8-S
6.8
J / K
8
4550
0.25
400
LMH1005T-8N2-S
8.2
J / K
8
4100
0.30
300
LMH1005T-10N-S
10
J / K
8
3900
0.35
300
LMH1005T-12N-S
12
J / K
8
3000
0.40
300
LMH1005T-15N-S
15
J / K
8
2800
0.50
300
LMH1005T-18N-S
18
J / K
8
2500
0.55
300
LMH1005T-22N-S
22
J / K
8
2200
0.70
300
LMH1005T-27N-S
27
J / K
8
2000
0.80
300
LMH1005T-33N-S
33
J / K
8
1800
0.9
200
LMH1005T-39N-S
39
J / K
8
1600
1.0
150
LMH1005T-47N-S
47
J / K
8
1400
1.2
150
LMH1005T-56N-S
56
J / K
8
1300
1.3
150
LMH1005T-68N-S
68
J / K
8
1100
1.5
100
LMH1005T-82N-S
82
J / K
8
1000
1.6
100
LMH1005T-R10-S
100
J / K
8
900
2.0
100
LMH1005T-R12-S
120
J / K
8
800
2.2
100
Tolerance:S = ± 0.3nH , J = ± 5% , K = ± 10%
Test Instruments:
L/Q:Agilent E4991A
Fixture:Agilent 16197A
SRF:HP8753D
RDC:HP4338B/ CH502BC
LMH Series
Rev :
www.leiditech.com
01.06.2018
8/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com