Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR20100CS Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # MBR20100CS
Description  SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

MBR20100CS Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  MBR20100CS Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd MBR20100CS Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd MBR20100CS Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SCHOTTKY BARRIER RECTIFIER
FEATURES
• Low forward voltage
• High current capability
• High forward surge capability
• Low power losses,High efficiency
• Guarding for over voltage protection
APPLICATIONS
Low VF Schottky barrier rectifier are designed
for high freqency, miniature switched mode
power supplies such as adapters ,lighting and
TO-252/CS
on-board DC/DC conerters
Primary Characteristic
MECHANICAL DATA
IO
2*10A
• Case: Molded plastic
VRRM
100V
• Polarity: As marked
IFSM
250A
• Mounting Position: Any
VF
0.68V
• Molded Plastic: UL Flammability Classification Rating 94V-0
TJmax
150℃
• Lead free in compliance with EU RoHS 2011/65/EU directive
Assembly code
X X
• Solder bath temperature 275℃ maximum,10s per JESD 22-B106
Maximum Ratings (Per Leg) at Ta=25°C unless otherwise specified
Characteristics
Symbol
Value
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
100
V
Working Peak Reverse Voltage
VRWM
100
V
Maximum DC Blocking Voltage
VDC
100
V
Maximum Average Forward Rectified Current
Per Leg
IO
10
A
Total
20
Peak Forward Surge Current,8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method)
IFSM
250
A
Operating Temperature Range
TJ
150
°C
Storage Temperature Range
TSTG
-40 to +150
°C
Typical Thermal Resistance (Note1)
Rθ
JC
°C/W
TO-220AB,TO-263,TO-252
2
TO-220F
4
Note1: Thermal resistance from Junction to case per leg mounted on heatsink.
Electrical Characteristics (Per Leg) unless otherwise specified
Characteristics
Symbol
Value
Unit
Forward Voltage Drop(Note2)
VF
Typ.
Max.
V
at IF=3A
TA=25°C
0.69
-
TA=125°C
0.60
-
at IF=5A
TA=25°C
0.74
-
TA=125°C
0.61
-
at IF=10A
TA=25°C
0.82
0.85
TA=125°C
0.68
-
Maximum Reverse Current at VR=100V
TA=25°C
IR
1.5
10
µA
TA=125°C
1
-
mA
Note2:Pulse test: 300 µs pulse width, 1 % duty cycle
MBR20100CS
Rev :
www.leiditech.com
01.06.2018
1/3


Similar Part No. - MBR20100CS

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
MBR20100CS KEXIN-MBR20100CS Datasheet
782Kb / 2P
Schottky Barrier Diodes
logo
DONGGUAN YOU FENG WEI E...
MBR20100CS YFWDIODE-MBR20100CS Datasheet
636Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBR20100CS2-E1 DIODES-MBR20100CS2-E1 Datasheet
495Kb / 13P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Rev 5
MBR20100CS2-G1 DIODES-MBR20100CS2-G1 Datasheet
495Kb / 13P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Rev 5
MBR20100CS2TR-E1 DIODES-MBR20100CS2TR-E1 Datasheet
495Kb / 13P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Rev 5
More results

Similar Description - MBR20100CS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com