Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTV05LUT Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTV05LUT
Description  Transient Voltage Suppressors for ESD Protection ESD Protection Diodes with Ultra Capacitance
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTV05LUT Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTV05LUT Datasheet HTML 1Page - First Silicon Co., Ltd FTV05LUT Datasheet HTML 2Page - First Silicon Co., Ltd FTV05LUT Datasheet HTML 3Page - First Silicon Co., Ltd FTV05LUT Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SEMICONDUCTOR
TECHNICAL DATA
2013. 12. 10
1/4
Revision No : 0
Transient Voltage Suppressors for ESD Protection
FTV05LUT
SO
2
ESD Protection Diodes with Ultra Capacitance
The FTV05LUT is designed to protect voltage sensitive components that require ultra low capacitance
from ESD and transient voltage events.
Excellent clamping capability, low capacitance, low leakage, and fast response time,
make these parts ideal for ESD protection on designs where board space is at a premium.
Because of its low capacitance, it is suited for use in high frequency designs such as
USB 2.0 high speed and antenna line applications.
Specification Features:
• Ultra Low Capacitance 0.5 pF
• Low Clamping Voltage
• Small Body Outline Dimensions:
0.039″x 0.024″(1.00 mm x 0.60 mm)
• Low Body Height: 0.016″(0.4 mm)
• Stand − off Voltage: 5 V
• Low Leakage
• Response Time is Typically < 1.0 ns
• IEC61000− 4−2 Level 4 ESD Protection
• This is a Pb− Free Device
Mechanical Characteristics:
CASE:
Void-free, transfer-molded, thermosetting plastic
Epoxy Meets UL 94 V−0
LEAD FINISH:
100% Matte Sn (Tin)
QUALIFIED MAX REFLOW TEMPERATURE:
260℃
Device Meets MSL 1 Requirements
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
IEC 61000−4−2 (ESD)
Contact
Air
±10
±15
kV
Total Power Dissipation on FR
−5 Board
(Note 1) @ TA= 25°C
PD
150
mW
Storage Temperature Range
Tstg
−55 to +150
°C
Junction Temperature Range
TJ
−55 to +125
°C
Lead Solder Temperature−Maximum
(10 Second Duration)
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. FR−5 = 1.0 x 0.75 x 0.62 in.
Shipping
8000/Tape&Reel
FDV05LUT
Ordering information
Device
Marking
D


Similar Part No. - FTV05LUT

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTV05LU363-04 FS-FTV05LU363-04 Datasheet
575Kb / 6P
F T V05LU363-04 Uni-direction ESD Protection Array
FTV05LUSOT26 FS-FTV05LUSOT26 Datasheet
621Kb / 6P
U ni-direction ESD Protection Array
2021. 09. 14 Revision No : 1
FTV05LUSOT883 FS-FTV05LUSOT883 Datasheet
461Kb / 4P
ESD Protection Diodes with Ultra?묹ow Capacitance
More results

Similar Description - FTV05LUT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESD7L5.0DT5G ONSEMI-ESD7L5.0DT5G Datasheet
136Kb / 4P
Transient Voltage Suppressors ESD Protection Diodes with Ultra?묹ow Capacitance
October, 2008 ??Rev. 3
ESD7M5.0DT5G ONSEMI-ESD7M5.0DT5G Datasheet
136Kb / 4P
Transient Voltage Suppressors ESD Protection Diodes with Ultra?묹ow Capacitance
December, 2008 ??Rev. 3
ESD9L3.3ST5G ONSEMI-ESD9L3.3ST5G Datasheet
141Kb / 4P
Transient Voltage Suppressors ESD Protection Diodes with Ultra?묹ow Capacitance
November, 2009 ??Rev. 3
ESD9P5.0ST5G ONSEMI-ESD9P5.0ST5G Datasheet
139Kb / 4P
Transient Voltage Suppressors ESD Protection Diodes with Ultra?묹ow Capacitance
May, 2010 ??Rev. 0
logo
Leshan Radio Company
LESD8L5.0T5G LRC-LESD8L5.0T5G Datasheet
587Kb / 4P
Transient Voltage Suppressors ESD Protection Diodes with Ultra?묹ow Capacitance
LESD5L5.0CT1G LRC-LESD5L5.0CT1G Datasheet
577Kb / 4P
Transient Voltage Suppressors ESD Protection Diodes with Ultra?묹ow Capacitance
logo
Surge Components
SLESD5L5.0CT1G SURGE-SLESD5L5.0CT1G Datasheet
1Mb / 4P
Transient Voltage Suppressors ESD Protection Diodes with ultra-low capacitance
logo
First Silicon Co., Ltd
FTV3.3LUT FS-FTV3.3LUT Datasheet
605Kb / 4P
Transient Voltage Suppressors for ESD Protection ESD Protection Diodes with Ultra Capacitance
FTVL3.3UUL2 FS-FTVL3.3UUL2 Datasheet
491Kb / 4P
Transient Voltage Suppressors for ESD Protection ESD Protection Diodes with Ultra Capacitance
logo
AiT Semiconductor Inc.
ESD8L5.0 AITSEMI-ESD8L5.0 Datasheet
500Kb / 5P
TRANSIENT VOLTAGE SUPPRESSORS ESD PROTECTION DIODES WITH ULTRA-LOW CAPACITANCE
REV1.1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com