Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTV10BLUL2 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTV10BLUL2
Description  ESD Protection Diodes with Ultra?묹ow Capacitance
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTV10BLUL2 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTV10BLUL2 Datasheet HTML 1Page - First Silicon Co., Ltd FTV10BLUL2 Datasheet HTML 2Page - First Silicon Co., Ltd FTV10BLUL2 Datasheet HTML 3Page - First Silicon Co., Ltd FTV10BLUL2 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SEMICONDUCTOR
TECHNICAL DATA
2015. 12. 10
1/4
Revision No : 0
FTV10BLUL2
General Description
ESD Protection Diodes with Ultra
−Low Capacitance
The FTV10BUL2 is designed to protect voltage sensitive components that require ultra-low
from ESD and transient voltage events.
Excellent clamping capability, low capacitance, low leakage, and fast response time,
rmake these parts ideal for ESD protection on designs where board space is at a premium.
Because of its low capacitance, it is suited for use in high frequency designs such as USB 2.0
Specification Features:
• Ultra Low Capacitance 1.5 pF
• Low Clamping Voltage
• Stand−off Voltage: 11 V
• Low Leakage
• Response Time is Typically < 1.0 ns
• IEC61000−4−2 Level 4 ESD Protection
• This is a Pb-Free Device
Mechanical Characteristics:
CASE:
Void-free, transfer-molded, thermosetting plastic
Epoxy Meets UL 94 V-0
LEAD FINISH:
100% Matte Sn (Tin)
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
IEC 61000−4−2 (ESD)
Contact
Air
±10
±15
kV
Total Power Dissipation on FR−5 Board
(Note 1) @ TA = 25
°C
PD
200
mW
Storage Temperature Range
Tstg
−55 to +150
°C
Junction Temperature Range
TJ
−55 to +150
°C
Lead Solder Temperature− Maximum
(10 Second Duration)
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only.
Functional operation above the Recommended Operating Conditions is not implied.
Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
1. FR−5 = 1.0 x 0.75 x 0.62 in.
SOD-882
1
2
2
1
high speed and antenna line applications.
Device
Marking
Shipping
FTV10BLUL2
M1
10000/Tape&Reel
ORDERING INFORMATION


Similar Part No. - FTV10BLUL2

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTV10BLDFN0603 FS-FTV10BLDFN0603 Datasheet
511Kb / 4P
ESD Protection Diodes with Ultra?묹ow Capacitance
More results

Similar Description - FTV10BLUL2

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
SESD5L5.0T1 WILLAS-SESD5L5.0T1 Datasheet
363Kb / 4P
ESD Protection Diodes with Ultra?묹ow Capacitance
SESD9L5.0T5 WILLAS-SESD9L5.0T5 Datasheet
280Kb / 4P
ESD Protection Diodes with Ultra?묹ow Capacitance
logo
Leshan Radio Company
LESD5L3.3T1G LRC-LESD5L3.3T1G Datasheet
560Kb / 4P
ESD Protection Diodes with Ultra?묹ow Capacitance
LESD5L5.0T1G LRC-LESD5L5.0T1G Datasheet
334Kb / 4P
ESD Protection Diodes with Ultra?묹ow Capacitance
LESD9L3.3CT5G LRC-LESD9L3.3CT5G Datasheet
475Kb / 4P
ESD Protection Diodes with Ultra?묹ow Capacitance
LESD9L3.3T5G LRC-LESD9L3.3T5G Datasheet
489Kb / 4P
ESD Protection Diodes with Ultra?묹ow Capacitance
logo
Socay Electornics Co., ...
ESD11D05VLH-C SOCAY-ESD11D05VLH-C Datasheet
578Kb / 3P
ESD Protection Diodes with Ultra?묹ow Capacitance
ESD11D12VLV-C SOCAY-ESD11D12VLV-C Datasheet
566Kb / 3P
ESD Protection Diodes with Ultra?묹ow Capacitance
logo
Leshan Radio Company
LESD5L3.3CT1G LRC-LESD5L3.3CT1G Datasheet
283Kb / 4P
ESD Protection Diodes with Ultra?묹ow Capacitance
logo
First Silicon Co., Ltd
FTV05LUSOT883 FS-FTV05LUSOT883 Datasheet
461Kb / 4P
ESD Protection Diodes with Ultra?묹ow Capacitance
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com