Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTV10BLUL2 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTV10BLUL2
Description  ESD Protection Diodes with Ultra?묹ow Capacitance
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTV10BLUL2 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTV10BLUL2 Datasheet HTML 1Page - First Silicon Co., Ltd FTV10BLUL2 Datasheet HTML 2Page - First Silicon Co., Ltd FTV10BLUL2 Datasheet HTML 3Page - First Silicon Co., Ltd FTV10BLUL2 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2015. 12. 10
2/4
Revision No : 0
FTV10BLUL2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted)
Device
Device
Marking
VRWM
(V)
IR(uA)
@ VRWM
VBR (V) @ IT
(Note 2)
IT
C (pF)
VC (V)
@ IPP = 1.65 A
(Note 3)
VC
Max
Max
Min
mA
Max
Max
Per IEC61000−4−2
(Note 4)
FTV10BLUL2
M1
10
1.0
12
1.0
1.8
24.5
Figures 1 and 2
See Below
2. VBR is measured with a pulse test current IT at an ambient temperature of 25℃.
3. Surge current waveform per Figure 4.
4. For test procedure see Figures 3.
Figure 1. ESD Clamping Voltage Screenshot
Positive 8 kV Contact per IEC61000−4−2
Figure 2. ESD Clamping Voltage Screenshot
Negative 8 kV Contact per IEC61000−4−2
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Reverse standoff voltage
IR
Maximum Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
VTRIG
Reverse trigger voltage
ITRIG
Reverse trigger current
Bi
−Directional TVS
V
I
IPP
IPP
TRIGVC
V
BR
V
VRWM
IR
IT
TR G
I
IR
IT
R G
I
TRIG
VC V
BR
V VRWM
GND
vertical scale = 20 V/div
horizontal scale = 50 ns/div
GND
vertical scale = 20 V/div
horizontal scale = 50 ns/div



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com