Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1206 Datasheet(PDF) 1 Page - Socay Electornics Co., Ltd.

Part # SC1206
Description  Surface Mount 2-Electrode Gas Discharge Tube (GDT)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SC1206 Datasheet(HTML) 1 Page - Socay Electornics Co., Ltd.

  SC1206 Datasheet HTML 1Page - Socay Electornics Co., Ltd. SC1206 Datasheet HTML 2Page - Socay Electornics Co., Ltd. SC1206 Datasheet HTML 3Page - Socay Electornics Co., Ltd. SC1206 Datasheet HTML 4Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Surface Mount 2-Electrode Gas Discharge Tube (GDT)
Revision January 4, 2019
1 / 4
@ SOCAY Electronics Corp., Ltd. 2019
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SC1206 Series
SOCAY Electronics Corp., Ltd.
www.socay.com
Gas discharge Tubes (GDT) are classical components for
protecting the installations of the telecommunications. It is
essential that IT and telecommunications systems -with their
high-grade but sensitive electronic circuits - be protected by
arresters.
The 1206 series GDT offers high surge ratings in a miniature
package. It’s designed for surface mounting on PCB with small size
3.2x1.6x1.6mm. Low insertion loss is perfectly suited to broadband
equipment applications. The capacitance does not vary with
voltage, and will not cause operational problems with ADSL2+,
where capacitance variation across Tip and Ring is undesirable.
These devices are extremely robust and are able to divert a 500A
pulse in a miniature package 1206 without destruction.
Non-Radioactive
RoHS compliant
Ultra low capacitance (<0.5pF)
UL recognized
Excellent response to fast rising transients
0.5KA surge capability tested with 8/20μs
pulse as defined by IEC 61000-4-5
Square Outline
AGENCY
AGENCY FILE NUMBER
E341061
Communication equipment
CATV equipment
Test equipment
Data lines
Power supplies
Telecom SLIC protection
Broadband equipment
ADSL equipment, including ADSL2+
XDSL equipment
Satellite and CATV equipment
General telecom equipment
ESD protection
Materials
Dull Tin-plated
Product Marking
Without
Storage and
Operational
Temperature
-40 to +90°C
Weight
~30mg
Climatic category
(IEC 60068-1)
40/ 90/ 21
Features
Schematic Symbol
Agency Approvals
Description
Product Characteristics
Applications


Similar Part No. - SC1206

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SC1206 BEL-SC1206 Datasheet
853Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC1206-100 BEL-SC1206-100 Datasheet
853Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC1206-101 BEL-SC1206-101 Datasheet
853Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC1206-1R0 BEL-SC1206-1R0 Datasheet
853Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC1206-220 BEL-SC1206-220 Datasheet
853Kb / 1P
SMD POWER INDUCTORS Open frame construction
More results

Similar Description - SC1206

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
UN1812-200CSMD SOCAY-UN1812-200CSMD Datasheet
311Kb / 4P
Surface Mount 2-Electrode Gas Discharge Tube (GDT)
UN1812-300CSMD SOCAY-UN1812-300CSMD Datasheet
311Kb / 4P
Surface Mount 2-Electrode Gas Discharge Tube (GDT)
UN1812-470CSMD SOCAY-UN1812-470CSMD Datasheet
311Kb / 4P
Surface Mount 2-Electrode Gas Discharge Tube (GDT)
UN1812-600CSMD SOCAY-UN1812-600CSMD Datasheet
311Kb / 4P
Surface Mount 2-Electrode Gas Discharge Tube (GDT)
UN2E6-400LSMD SOCAY-UN2E6-400LSMD Datasheet
322Kb / 5P
Surface Mount 2-Electrode Gas Discharge Tube (GDT)
UN2E5-90LSMD SOCAY-UN2E5-90LSMD Datasheet
330Kb / 4P
Surface Mount 2-Electrode Gas Discharge Tube (GDT)
UN2E6-SMD SOCAY-UN2E6-SMD Datasheet
267Kb / 5P
Surface Mount 2-Electrode Gas Discharge Tube (GDT)
UN2E5-SMD SOCAY-UN2E5-SMD Datasheet
193Kb / 4P
Surface Mount 2-Electrode Gas Discharge Tube (GDT)
SC2E5-SMD SOCAY-SC2E5-SMD Datasheet
1Mb / 4P
Surface Mount 2-Electrode Gas Discharge Tube (GDT)
SC1210 SOCAY-SC1210 Datasheet
1Mb / 4P
Surface Mount 2-Electrode Gas Discharge Tube (GDT)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com