Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1206 Datasheet(PDF) 2 Page - Socay Electornics Co., Ltd.

Part # SC1206
Description  Surface Mount 2-Electrode Gas Discharge Tube (GDT)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SC1206 Datasheet(HTML) 2 Page - Socay Electornics Co., Ltd.

  SC1206 Datasheet HTML 1Page - Socay Electornics Co., Ltd. SC1206 Datasheet HTML 2Page - Socay Electornics Co., Ltd. SC1206 Datasheet HTML 3Page - Socay Electornics Co., Ltd. SC1206 Datasheet HTML 4Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Surface Mount 2-Electrode Gas Discharge Tube (GDT)
Revision January 4, 2019
2 / 4
@ SOCAY Electronics Corp., Ltd. 2019
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SC1206 Series
SOCAY Electronics Corp., Ltd.
www.socay.com
Part Number
DC
Spark-over
Voltage
Maximum Impulse
Spark-over Voltage
Minimum
Insulation
Resistance
Maximum
Capacitance
Arc
Voltage
Nominal
Impulse
Discharge
Current
Impulse
Discharge
Voltage
@100V/S
@100V/μs
@1KV/μs
@1MHz
@0.2A
@8/20μs
±5 times
@10/700μs
SC1206-90ASMD
90V±30%
≤600V
≤700V
1 GΩ
(at 50V DC)
<
0.5pF
~10V
0.5KA
4KV
SC1206-150ASMD
150V±30%
≤600V
≤700V
1 GΩ
(at 50V DC)
<
0.5pF
~10V
0.5KA
4KV
SC1206-200ASMD
200V±30%
≤650V
≤750V
1 GΩ
(at 100V DC)
<
0.5pF
~10V
0.5KA
4KV
SC1206-230ASMD
230V±30%
≤650V
≤750V
1 GΩ
(at 100V DC)
<
0.5pF
~10V
0.5KA
4KV
SC1206-300ASMD
300V±30%
≤700V
≤800V
1 GΩ
(at 100V DC)
<
0.5pF
~10V
0.5KA
4KV
SC1206-350ASMD
350V±30%
≤750V
≤850V
1 GΩ
(at 100V DC)
<
0.5pF
~10V
0.5KA
4KV
SC1206-400ASMD
400V±30%
≤850V
≤950V
1 GΩ
(at 100V DC)
<
0.5pF
~10V
0.5KA
4KV
SC1206-420ASMD
420V±30%
≤850V
≤950V
1 GΩ
(at 100V DC)
<
0.5pF
~10V
0.5KA
4KV
SC1206-470ASMD
470V±30%
≤950V
≤1050V
1 GΩ
(at 100V DC)
<
0.5pF
~10V
0.5KA
4KV
SC1206-400ASMD+
>
400V
≤850V
≤1050V
1 GΩ
(at 100V DC)
<
0.5pF
~10V
0.5KA
4KV
Notes:
1). Terms in accordance with ITU-T K.12 and GB/T 9043-2008
2). At delivery AQL 0.65 level Ⅱ, DIN ISO 2859
Device Dimensions
(Unit: mm)
Electrical Characteristics
Recommended pad outline



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com