Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2301M Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM2301M
Description  P-Channel Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM2301M Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM2301M Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2301M Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2301M Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2301M Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3DUDPHWHU
6\PERO
7HVW &RQGLWLRQ
0LQ
7\S
0D[
8QLW
67$7,&&+$5$&7(5,67,&6
Drain-source breakdown voltage
V (BR)DSS
VGS = 0V, ID =-250μA
-20
V
Zero gate voltage drain current
IDSS
VDS =-20V,VGS = 0V
-1
μA
Gate-body leakage current
IGSS
VGS =±1
0V, VDS = 0V
±20
μA
Gate threshold voltage (note 2)
VGS(th)
VDS =VGS, ID =-250μA
-0.35
-0.45
-
V
VGS =-4.5V, ID =-1A
430
520
mŸ
VGS =-2.5V, ID =-0.8A
624
mŸ
Drain-source on-resistance (note 2)
RDS(on)
VGS =-1.8V, ID =-0.5A
950
mŸ
Forward transconductance (note 2)
gFS
VDS =-10V, ID =-0.54A
1.2
S
Diode forward voltage
VSD
IS=-0.5A, VGS = 0V
-1.2
V
'<1$0,&&+$5$&7(5,67,&6 QRWH
Input capacitance
Ciss
113
170
pF
Output capacitance
Coss
15
25
pF
Reverse transfer capacitance
Crss
VDS =-16V,VGS =0V,f =1MHz
9
15
pF
6:,7&+,1*&+$5$&7(5,67,&6 QRWH
Turn-on delay time
(note 3)
td(on)
9
ns
Turn-on rise time
(note 3)
tr
5.8
ns
Turn-off delay time
(note3)
td(off)
32.7
ns
Turn-off fall time
(note 3)
tf
VGS=-4.5V,VDS=-10V,
ID =-200mA,RGEN=10
20.3
ns
1RWHV
1. Surface mounted on FR4 board using the minimum recommended pad size.
2. Pulse Test : Pulse Width=300μs, Duty Cycle=2%.
3. Switching characteristics are independent of operating junction temperatures.
4. Guaranteed by design, not subject to producting.
a
T =25
unless otherwise specified
750
LM2301M
Rev 2.0 :
www.leiditech.com
12.01.2019
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com