Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2301M Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM2301M
Description  P-Channel Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM2301M Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM2301M Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2301M Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2301M Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2301M Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min.
Max.
Min.
Max.
A
0.430
0.500
0.017
0.020
A1
0.000
0.050
0.000
0.002
b
0.170
0.270
0.007
0.011
b1
0.270
0.370
0.011
0.015
c
0.080
0.150
0.003
0.006
D
1.150
1.250
0.045
0.049
E
1.150
1.250
0.045
0.049
E1
0.750
0.850
0.030
0.033
e
0.800TYP.
0.031TYP.
7° REF.
7° REF.
6273DFNDJH2XWOLQH'LPHQVLRQV
627 6XJJHVWHG3DG/D\RXW
LM2301M
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
Rev 2.0 :
www.leiditech.com
12.01.2019
4/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com