Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMXD6015 Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LMXD6015
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LMXD6015 Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LMXD6015 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LMXD6015 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LMXD6015 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Marking Information
C= Manufacturer’s Marking
XD6015 = Product Type Marking Code
YYWW = Date Code Marking
YY = Year (ex: 10 = 2010) WW = Week (01 - 53)
Key Electrical Characteristics(Ta=25℃)
Notes:
1. Pulse test: Pulse Width≤300us, Duty cycle ≤2%.
2. Rds(on) calculated by TO-252 Package Type.
Rev 2.0 :
www.leiditech.com
12.01.2019
2/3
LMXD6015



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com