Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMXD6015 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LMXD6015
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LMXD6015 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LMXD6015 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LMXD6015 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LMXD6015 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Summary
60V,50A
Symbol
Test Condition
Typ. Max. Unit
Rds(on)
VGS=10V, ID=9A
14
20
mΩ
VGS=4.5V, ID=6A
21
30
Applications
Load Switch
PWM Application
Other
Brushless Motor Driver
Power management
Features
Advanced Trench Technology
Excellent RDS(ON) and Low Gate Charge
Lead free product is acquired
Mechanical Data
Ordering Information
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
LMXD6015
XD6015
13
16
2,500
Enhancement Mode Field Effect Transistor
N-Channel
Rev 2.0 :
www.leiditech.com
12.01.2019
LMXD6015


Similar Part No. - LMXD6015

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LMXD6072 LEIDITECH-LMXD6072 Datasheet
1Mb / 7P
N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - LMXD6015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com