Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2527 Datasheet(PDF) 21 Page - New Japan Radio

Part # NJM2527
Description  COLOR TFT SIGNAL PROCESSOR
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2527 Datasheet(HTML) 21 Page - New Japan Radio

Back Button NJM2527 Datasheet HTML 17Page - New Japan Radio NJM2527 Datasheet HTML 18Page - New Japan Radio NJM2527 Datasheet HTML 19Page - New Japan Radio NJM2527 Datasheet HTML 20Page - New Japan Radio NJM2527 Datasheet HTML 21Page - New Japan Radio NJM2527 Datasheet HTML 22Page - New Japan Radio NJM2527 Datasheet HTML 23Page - New Japan Radio NJM2527 Datasheet HTML 24Page - New Japan Radio NJM2527 Datasheet HTML 25Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
NJM2527
-21 -
Ver.3
s
s
s
s EQUIVALENT CIRCUIT
PI N NO.
SYMBOL
FUNCTION
INSIDE EQIVALENT CIRCUIT
13
CIN
Chroma signal input,300mVP-P
CIN=GND:Composite input mode
14
ACCDET
Connect to ACC filter.
15
FADJ
Adjust the frequency with internal filter.
16
KILLER
Connect to the color killer filter.
GND1
5K
VCC1
GND1
200
500
60K
500
VCC1
GND1
500
6K
VCC1
GND1
6K
6K
GND1
21.5K
1.2K
VCC1
GND1
GND1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com