Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2527 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2527
Description  COLOR TFT SIGNAL PROCESSOR
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2527 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJM2527 Datasheet HTML 3Page - New Japan Radio NJM2527 Datasheet HTML 4Page - New Japan Radio NJM2527 Datasheet HTML 5Page - New Japan Radio NJM2527 Datasheet HTML 6Page - New Japan Radio NJM2527 Datasheet HTML 7Page - New Japan Radio NJM2527 Datasheet HTML 8Page - New Japan Radio NJM2527 Datasheet HTML 9Page - New Japan Radio NJM2527 Datasheet HTML 10Page - New Japan Radio NJM2527 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
NJM2527
-7 -
Ver.3
s
s
s
s ELECTRICAL CHARACTERISTICS
(Ta=25
°C,V
CC1=5V, VCC2=5V,TP20=TP31=TP45=2.5V,
TP19=2.8V,TP7=5V,TP38=1V,TP39=3V,TP44=0V,SW13=SW7=L)
PARAMETER
SYMBOL
TEST CONDITION (TP=IC Pin No.)
MIN.
TYP.
MAX.
UNIT
FRP Input
Threshold Voltage
VTHFRP
SG2 applied to TP11, SG11
Applied to TP9, SW7=H, SG1
applied to TP35.This item define TP5
voltage at invert output of TP2 at
increase TP5 voltage.
1.2
1.5
1.8
V
Interface Frequency as
Characteristic
fINT
SG2 applied to TP11, SG11 applied to
TP9, SW7=H, 1.5V applied to TP31
, 3.2V applied to TP38,
SG5 (100kHz) applied to TP35.
Sine wave of non-invert output signal
of
TP2 is input signal frequency at –3dB
Toward swing of 100kHz at variable
frequency of SG5.
5.0
6.5
-
MHz
VTHEXH
Switching Voltage of TP7
VTHEXH=ON Level Voltage
2.0
-
-
EXTRGB Input
Threshold Voltage
VTHEXL
Switching Voltage of TP7
VTHEXL=OFF Level Voltage
-
-
0.8
V
G
γ1
22.0
26.0
30.0
Gamma Characteristic
G
γ2
SG2 applied to TP11,SG11 applied to
TP9,SW7=H,SG10 applied to TP5
SG7(350mVpp) applied to
TP33,TP35,TP37.
This item measure the slope on
TP48,TP2, and TP4 at
TP38=1.8V,TP39=3.0V.
7.5
11.5
15.5
dB
Synchronous Separate
Input Sensitivity
Current
IIS
Current flow from TP11. Then
measure current at TP10 change from
High to Low.
-
21
30
µA
Synchronous Separate
Output ON Voltage
VON
SG2 applied to TP11.Then
Measure output signal level voltage of
TP10.
-
0.2
0.5
V
Leak Current at
Synchronous Separate
Output OFF
ISL
Current 40uA flow from TP11.Then
measure current of sink to TP10 at
TP10=5V.
-
-
1.0
µA
Synchronous Separate
Output Delay 1
tPHLSY
-
0.3
-
Synchronous Separate
Output Delay 2
tPLHSY
SG2 applied to TP11.Then
Measure time difference of 50% swing
level of SYNCIN and TP10
-
0.4
-
µs
Input voltage
G
ϒ1
G
ϒ2
tPLHSY
SYNCIN
TP10
tPHLSY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com