Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT5550 Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # MMBT5550
Description  High Voltage Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

MMBT5550 Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  MMBT5550 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd MMBT5550 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd MMBT5550 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd MMBT5550 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd MMBT5550 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
= 5.0 mAdc )
MMBT5550
—
0.25
= 5.0 mAdc)
MMBT5550
—
1.2
= 5.0 Vdc)
MMBT5550
60
—
MMBT5551
30
—
= 5.0Vdc)
MMBT5550
20
—
MMBT5551
80
250
= 5.0 Vdc)
MMBT5550
60
250
ELECTRICAL CHARACTERISTICS (T A = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS
DC Current Gain
h
FE
––
(I C = 1.0 mAdc, V CE
MMBT5551
80
—
(I C = 10 mAdc, V CE
(I C = 50 mAdc, V CE
Collector–Emitter Saturation Voltage
V
CE(sat)
Vdc
(I C = 10 mAdc, I B = 1.0 mAdc)
Both Types
—
0.15
(I C = 50 mAdc, I B
MMBT5551
—
0.20
Base–Emitter Saturation Voltage
V
BE(sat)
Vdc
(I C = 10 mAdc, I B = 1.0 mAdc)
Both Types
—
1.0
(I C = 50 mAdc, I B
MMBT5551
—
1.0
MMBT5550
MMBT5551
Rev :
www.leiditech.com
01.06.2015
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com