Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT5550 Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # MMBT5550
Description  High Voltage Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

MMBT5550 Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  MMBT5550 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd MMBT5550 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd MMBT5550 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd MMBT5550 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd MMBT5550 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
C obo
10.2 V
V in
10 ms
INPUT PULSE
V BB
R B
5.1 k
0.25 mF
V in
1N914
V out
R C
V CC
30 V
3.0 k
t r , t f <10 ns
DUTY CYCLE = 1.0%
Values Shown are for I C @ 10 mA
Figure 6. Switching Time Test Circuit
I C , COLLECTOR CURRENT (mA)
Figure 5. Temperature Coefficients
V R , REVERSE VOLTAGE (VOLTS)
Figure 7. Capacitances Figure
I C , COLLECTOR CURRENT (mA)
8. Turn–On Time
I C , COLLECTOR CURRENT (mA)
Figure 9. Turn–Off Time
T J = 25°C
I C /I B = 10
T J = 25°C
t r @ V CC = 120 V
t r @ V CC = 30 V
t d @ V EB(off) = 1.0 V
V CC = 120 V
I C /I B = 10
T J = 25°C
t f @ V CC = 120 V
t f @ V CC = 30 V
t s @ V CC = 120 V
θ VCfor V CE(sat)
θ
VB for V BE(sat)
T J = –55°C to +135°C
0.1
0.2 0.3
0.5
1.0
2.0 3.0
5.0
10
20 30
50
100
2.5
2
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
100
70
50
30
20
10
7.0
5.0
3.0
2.0
1.0
C ibo
0.2
0.3
0.7 0.5 1.0
2.0
3.0
5.0 7.0
10
20
0.2 0.3 0.5
1.0
2.0 3.0
5.0
10
20 30
50
100
200
1000
500
300
200
100
50
30
20
10
0.2 0.3 0.5
1.0
2.0 3.0
5.0
10
20 30
50
100
200
5000
3000
2000
1000
500
300
200
100
50
100
–8.8 V
100
MMBT5550
MMBT5551
Rev :
www.leiditech.com
01.06.2015
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com