Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMA Datasheet(PDF) 13 Page - Carlo Gavazzi Holding AG

Part # SPMA
Description  Single Phase Power Supply
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

SPMA Datasheet(HTML) 13 Page - Carlo Gavazzi Holding AG

Back Button SPMA Datasheet HTML 9Page - Carlo Gavazzi Holding AG SPMA Datasheet HTML 10Page - Carlo Gavazzi Holding AG SPMA Datasheet HTML 11Page - Carlo Gavazzi Holding AG SPMA Datasheet HTML 12Page - Carlo Gavazzi Holding AG SPMA Datasheet HTML 13Page - Carlo Gavazzi Holding AG SPMA Datasheet HTML 14Page - Carlo Gavazzi Holding AG SPMA Datasheet HTML 15Page - Carlo Gavazzi Holding AG SPMA Datasheet HTML 16Page - Carlo Gavazzi Holding AG SPMA Datasheet HTML 17Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
Carlo Gavazzi Ltd.
SPMA
SPMA DS ENG
13/07/2020
Current derating
Performance
SPMA...151
SPMA...601
SPMA...301
-30
0
10
20
30
40
50
60
70
80
90
100
-20
-10
0
10
20
Ambient Temperature (°C)
30
40
50
60
70
-30
-20
-10
0
0
10
20
30
40
50
60
70
80
90
100
10
Ambient temperature (°C)
20
30
40
50
60
70
85
0
10
20
30
40
50
60
70
80
90
100
100 115 130 145 160
Input voltage (V)
175 190 205 220 235 250 265 280
85
0
10
20
30
40
50
60
70
80
90
100
100 115 130 145 160 175
Input Voltage (V)
190 205 220 230 250 265 280
-30
-20
-10
0
0
10
20
30
40
50
60
70
80
90
100
10
20
Ambient temperature (°C)
30
40
50
60
70
85
0
10
20
30
40
50
60
70
80
90
100
100
115 130 145 160 175
Input voltage (V)
190 205 220 235 250 265 280
*
*
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com