Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMA Datasheet(PDF) 2 Page - Carlo Gavazzi Holding AG

Part # SPMA
Description  Single Phase Power Supply
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

SPMA Datasheet(HTML) 2 Page - Carlo Gavazzi Holding AG

  SPMA Datasheet HTML 1Page - Carlo Gavazzi Holding AG SPMA Datasheet HTML 2Page - Carlo Gavazzi Holding AG SPMA Datasheet HTML 3Page - Carlo Gavazzi Holding AG SPMA Datasheet HTML 4Page - Carlo Gavazzi Holding AG SPMA Datasheet HTML 5Page - Carlo Gavazzi Holding AG SPMA Datasheet HTML 6Page - Carlo Gavazzi Holding AG SPMA Datasheet HTML 7Page - Carlo Gavazzi Holding AG SPMA Datasheet HTML 8Page - Carlo Gavazzi Holding AG SPMA Datasheet HTML 9Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
Carlo Gavazzi Ltd..
SPMA
SPMA DS ENG
13/07/2020
Enter the code entering the corresponding option instead of
Order code
Selection guide
SPMA
1
Code
Option Description
Notes
S
-
Switching
Device typology
P
-
Power supply
M
-
Modular
Series
A
-
Advanced
5
5VDC
Rated output voltage
12
12VDC
15
15VDC
24
24VDC
15
15W
Rated output power
30
30W
60
60W
100
100W
1
-
Single phase input
Input type
-
Class 2
S
Non Class 2
Applies to SPMA241001
models only
-
SCC
Conformal coating version
PCB coating
Output Voltage
SPMA...151
SPMA...301
SPMA...601
SPMA...1001
5 VDC
SPMA05151
SPMA05301
-
-
12 VDC
SPMA12151
SPMA12301
SPMA12601
SPMA121001
15 VDC
SPMA15151
SPMA15301
SPMA15601
SPMA151001
24 VDC
SPMA24151
SPMA24301
SPMA24601
SPMA241001
SPMA241001S
Further reading
Information
Where to find it
QR
SPMA Installation sheet
http://cga.pub/?52e71a
References



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com