Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPDM12751/B Datasheet(PDF) 13 Page - Carlo Gavazzi Holding AG

Part # SPDM12751/B
Description  Single Phase Power Supply
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

SPDM12751/B Datasheet(HTML) 13 Page - Carlo Gavazzi Holding AG

Back Button SPDM12751/B Datasheet HTML 9Page - Carlo Gavazzi Holding AG SPDM12751/B Datasheet HTML 10Page - Carlo Gavazzi Holding AG SPDM12751/B Datasheet HTML 11Page - Carlo Gavazzi Holding AG SPDM12751/B Datasheet HTML 12Page - Carlo Gavazzi Holding AG SPDM12751/B Datasheet HTML 13Page - Carlo Gavazzi Holding AG SPDM12751/B Datasheet HTML 14Page - Carlo Gavazzi Holding AG SPDM12751/B Datasheet HTML 15Page - Carlo Gavazzi Holding AG SPDM12751/B Datasheet HTML 16Page - Carlo Gavazzi Holding AG SPDM12751/B Datasheet HTML 17Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
13
Carlo Gavazzi Automation S.p.A.
SPDM
SPDM DS ENG
26/02/2019
Input data
Insulation
SPDM 30W
SPDM 50W
SPDM 75W
SPDM 120W
SPDM 240W
Rated input voltage
100VAC to 240VAC
Input voltage range
85VAC to 264VAC
120VDC to 375VDC
90VAC to 264VAC
127VDC to 370VDC
AC current (max)
115VAC
230VAC
335mA
210mA
1000mA
500mA
1450mA
750mA
<2.7A
<1.35A
<3A (24VDC),
<3.5A (48VDC)
<2.5A (24VDC),
<2.5A (48VDC)
Frequency range
47Hz to 63Hz
Inrush current
115VAC
230VAC
<20A
<40A
<30A
<60A
<30A
<60A
<20A
<35A
<30A
<60A
Inrush current (DC)
50A @ 375Vdc
70A @ 375Vdc
/
Internal input fuse
T2A/250VAC
T2A/250VAC
T3.15A/250VAC
4A/250Vac
T6.3A/250V
Standby power
consumption
0.3W
0.5W
<5W
SPDM 30W
SPDM 50W
SPDM 75W
SPDM 120W
SPDM 240W
Insulation/Withstand
Voltage (I/PE)
3000VAC / 4242VDC
3kVAC , ≤10mA
Insulation/Withstand
Voltage (I/O)
1500VAC / 2121VDC
1.5kVAC , ≤10mA
Insulation/Withstand
Voltage (O/PE)
500VAC / 710VDC
0.5kVAC , ≤10mA
Insulation resistance
100MΩ Input-Output @ 500VDC
10MΩ
Overvoltage category
Level OVC II
II
Pollution degree
2
(All specifications are at nominal values, full load, 25°C unless otherwise stated)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com