Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPDM12751/B Datasheet(PDF) 2 Page - Carlo Gavazzi Holding AG

Part # SPDM12751/B
Description  Single Phase Power Supply
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

SPDM12751/B Datasheet(HTML) 2 Page - Carlo Gavazzi Holding AG

  SPDM12751/B Datasheet HTML 1Page - Carlo Gavazzi Holding AG SPDM12751/B Datasheet HTML 2Page - Carlo Gavazzi Holding AG SPDM12751/B Datasheet HTML 3Page - Carlo Gavazzi Holding AG SPDM12751/B Datasheet HTML 4Page - Carlo Gavazzi Holding AG SPDM12751/B Datasheet HTML 5Page - Carlo Gavazzi Holding AG SPDM12751/B Datasheet HTML 6Page - Carlo Gavazzi Holding AG SPDM12751/B Datasheet HTML 7Page - Carlo Gavazzi Holding AG SPDM12751/B Datasheet HTML 8Page - Carlo Gavazzi Holding AG SPDM12751/B Datasheet HTML 9Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
2
Carlo Gavazzi Automation S.p.A.
SPDM
SPDM DS ENG
26/02/2019
Enter the code entering the corresponding option instead of
Order code
Selection guide
SPDM
1
Code
Option Description
Notes
S
-
Switching
Device typology
P
-
Power
D
-
DIN rail
Mounting
M
-
Medium
Size
12
12VDC
Rated output voltage
24
24VDC
48
48VDC
30
30W
Rated output power
50
50W
75
75W
120
120W
240
240W
1
-
Single phase input
Input type
B
Spring terminal
Terminal type
Output Voltage
30W
50W
75W
120W
240W
12VDC
SPDM12301/B
SPDM12501/B
SPDM12751/B
SPDM121201
-
24VDC
SPDM24301/B
SPDM24501/B
SPDM24751/B
SPDM241201
SPDM242401
48VDC
-
-
-
SPDM481201
SPDM482401
Further reading
v
Information
Where to find it
QR
SPDM Data sheet
http://www.productselection.net/Pdf/UK/PS_SPDM_DS.pdf
SPDM Installation sheet
http://www.productselection.net/MANUALS/UK/PS_SPDM_IM.pdf
SPDM CAD drawings
http://www.productselection.net/DXF/PS_SPDM.zip
References



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com