Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20ACE Datasheet(PDF) 1 Page - GAPTEC Electronic GmbH & Co. KG

Part # 20ACE
Description  20W- Single Output AC-DC Converter - Universal Input - Isolated & Regulated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

20ACE Datasheet(HTML) 1 Page - GAPTEC Electronic GmbH & Co. KG

  20ACE Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 20ACE Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 20ACE Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG 20ACE Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG 20ACE Datasheet HTML 5Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 1 of 5
20ACE_4 – Rev. 2020-1.2
Specifications subject to change without notice.
Approval
(pending)
Model
Power
[W]
Output Voltage
[V]
Output current
[mA, max]
Efficiency
[230VAC; %, typ]
Capacitive load
[µF, max]
UL/CE/CB
20ACE_03S4
11.88
3.3
3600
74
10000
UL/CE/CB
20ACE_05S4
18
5.1
3600
78
6600
UL/CE/CB
20ACE_09S4
20
9
2200
79
4400
UL/CE/CB
20ACE_12S4
20
12
1660
82
3000
UL/CE/CB
20ACE_15S4
20
15
1330
83
2000
UL/CE/CB
20ACE_24S4
20
24
833
83
800
Note: Add suffix CM for Chassis mounting (f.ex. 20ACE_15S4CM), suffix DR for DIN rail mounting (f.ex. 20ACE_15S4DR)
20ACE_4 series
20W- Single Output AC-DC Converter - Universal Input - Isolated & Regulated
Universal input:
85~264VAC/100~370VDC
Operating temperature range:
-40°C to +70°C
High efficiency
High reliability
Isolation up to 4kVAC
Output over voltage protection
Short circuit protection (SCP)
Over current protection
Plastic case, meets UL94V-0
EMI performance meets
CISPR32 / EN55032 CLASS B
Meets IEC62368, UL62368,
EN62368 standards (pending)
AC-DC Converter
20 Watt
The 20ACE_4 Series is a compact size power converter series offered by
Gaptec. It features universal input voltage, taking both DC and AC input
voltage, low power consumption, high efficiency, high reliability, safer
isolation. It offers good EMC performance, and is UL & CE certified, and
widely used in industrial, electricity, instruments, telecommunication
and civil applications.
Output specifications
Voltage accuracy
• 3.3V output: ±3%
• Others: ±2%
Minimum load
0%
Line regulation (full load)
±0.5% (typ)
Load regulation (0% to 100%)
±1% (typ)
Ripple & Noise
(20MHz bandwidth, peak-peak value)
50mV (typ); 120mV (max)
Short circuit protection
Hiccup, indefinite, auto-recovery
Over current protection
≥110% Io, self-recovery
Over voltage protection
• 3.3V/5V output: 7.5V
• 9V output: 15V
• 12V/15V output: 20V
• 24V output: 30V
Hold-up time
115VAC input: 5ms (min); 10ms (typ)
230VAC input: 44ms (min); 55ms (typ)
Input specifications
Input voltage range
85~264VAC, 100~370VDC
Input frequency
47~63Hz
Input current
115VAC
• 0.37A (typ)
• 0.44A (max)
230VAC
• 0.24A (typ)
• 0.26A (max)
Inrush current
115VAC
• 12A (typ)
230VAC
• 36A (typ)
Recommended external input
fuse
3.15A/250V, slow
fusing, necessary
Hot plug
unavailable
Example:
20ACE_05S4
20 = 20Watt; AC = AC-DC; E = case style; 5Vout; S = Single Output;
4 = 4kVAC isolation
Note:
1. Ripple and Noise tested with “parallel cable” method.
2. Unless otherwise specified, parameters in this datasheet were measured under
the conditions of Ta = 25°C, humidity <75% with nominal input voltage and
rated output load;
3. All index testing methods in this datasheet are based on our Company’s corpo-
rate standards;
4. We can provide product customization service, please contact our technicians
directly for specific information;
5. Products are related to laws and regulations: see „Features“ and „EMC“;
6. Our products shall be classified according to ISO14001 and related environmen-
tal laws and regulations, and shall be handled by qualified units.
UL-62368-1 (E347551)


Similar Part No. - 20ACE

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
20ACEW GAPTEC-20ACEW Datasheet
588Kb / 5P
20Watt - AC-DC converter
20ACEW_03S4 GAPTEC-20ACEW_03S4 Datasheet
588Kb / 5P
20Watt - AC-DC converter
20ACEW_05S4 GAPTEC-20ACEW_05S4 Datasheet
588Kb / 5P
20Watt - AC-DC converter
20ACEW_09S4 GAPTEC-20ACEW_09S4 Datasheet
588Kb / 5P
20Watt - AC-DC converter
20ACEW_12S4 GAPTEC-20ACEW_12S4 Datasheet
588Kb / 5P
20Watt - AC-DC converter
More results

Similar Description - 20ACE

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
2ACEW GAPTEC-2ACEW Datasheet
3Mb / 5P
2W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
3ACM GAPTEC-3ACM Datasheet
1Mb / 5P
3W- Single Output AC-DC Converter - Universal Input - Isolated & Regulated
5ACBE GAPTEC-5ACBE Datasheet
1Mb / 4P
5W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
5ACDM GAPTEC-5ACDM Datasheet
681Kb / 3P
5W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
5ACE GAPTEC-5ACE Datasheet
3Mb / 5P
5W- Single Output AC-DC Converter - Universal Input - Isolated & Regulated
5ACMEA GAPTEC-5ACMEA Datasheet
1Mb / 4P
5W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
10ACM GAPTEC-10ACM Datasheet
2Mb / 7P
10W- Single Output AC-DC Converter - Universal Input - Isolated & Regulated
15ACE GAPTEC-15ACE Datasheet
3Mb / 6P
15W- Single Output AC-DC Converter - Universal Input - Isolated & Regulated
30ACMEB GAPTEC-30ACMEB Datasheet
1Mb / 4P
30W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
20ACPO GAPTEC-20ACPO Datasheet
827Kb / 3P
20W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com