Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20ACE Datasheet(PDF) 2 Page - GAPTEC Electronic GmbH & Co. KG

Part # 20ACE
Description  20W- Single Output AC-DC Converter - Universal Input - Isolated & Regulated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

20ACE Datasheet(HTML) 2 Page - GAPTEC Electronic GmbH & Co. KG

  20ACE Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 20ACE Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 20ACE Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG 20ACE Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG 20ACE Datasheet HTML 5Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 2 of 5
20ACE_4 – Rev. 2020-1.2
Specifications subject to change without notice.
20ACE_4 series
20W- Single Output AC-DC Converter - Universal Input - Isolated & Regulated
Common specifications
Operating temperature range
-40°C ~ +70°C
Storage temperature range
-40°C ~ +85°C
Humidity
95% MAX
Temperature coefficient
0.02%/°C
Welding temperature
• Wave-soldering: 260 ± 5°C; time: 5 - 10s
• Manual welding: 360 ± 10°C; time: 3 - 5s
Switching frequency
100kHz TYP
Power derating
-40°C to 0°C: 1.67%/°C
+40°C to +70°C: 3.3V/5V: 2.66%/°C; others: 2.33%/°C
Power derating
85-130VAC, 5V
• -25°C to +70°C: 0.66%/VAC
• -40°C to -25°C: 1.33%/VAC
85-100VAC, Others
-25°C to +70°C: 2.0%/VAC
-40°C to -25°C: 4.0%/VAC
240-264VAC: 0.83%/VAC
I/O-isolation voltage
4000VAC/1Min
EMC / EMI / CE
CISPR32/EN55032,
CLASS B
EMC / EMI / RE
CISPR32/EN55032,
CLASS B
EMC / EMS / ESD
IEC/EN 61000-4-2
Contact ±6KV / Air ±8KV
perf. Criteria B
EMC / EMS / RS
IEC/EN 61000-4-3
10V/m
perf. Criteria A
EMC / EMS / EFT
• IEC/EN 61000-4-4
± 4kV
perf. Criteria B
EMC / EMS / Surge
• IEC/EN 61000-4-5
line to line ±2KV
perf. Criteria B
• IEC/EN 61000-4-5
line to line ±4KV/line to ground ±6KV
perf. Criteria B
(see EMC solution recommended circuit)
EMC / EMS / CS
IEC/EN61000-4-6
10 Vr.m.s
perf. Criteria A
EMC / EMS / Voltage dips, short and
interruptions immunity
IEC/EN61000-4-11
0%-70%
perf. Criteria B
Safety standard
IEC62368/EN62368/UL62368
Safety regulation certification
IEC62368/EN62368/UL62368 (Pending)
Safety class
CLASS II
Case material
UL94V-0
Install
PCB, chassis, Din rail mounting
MTBF
>300,000h @25°C (MIL-HDBK-217F)
Cooling method
Free air convection
Weight
60g / 80g (chassis mounting) / 100g (Din rail mounting)
Dimensions
53.80*28.80*23.50 mm / 76.00*31.50*32.30 mm (chassis mounting) / 76.00*31.50*36.90 mm 100g (Din rail mounting)
Efficiency
20ACE_24S4
20ACE_15S4
20ACE_05S4
20ACE_24S4
20ACE_15S4
20ACE_05S4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com