Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL1A Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # GL1A
Description  REVERSE VOLTGE 50V~1000V FORWARD CURRENT 1.0AMP SURFACE MOUNT RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

GL1A Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  GL1A Datasheet HTML 1Page - First Silicon Co., Ltd GL1A Datasheet HTML 2Page - First Silicon Co., Ltd GL1A Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
REVERSE VOLTGE 50V~1000V
FORWARD CURRENT 1.0AMP SURFACE MOUNT RECTIFIER
Rating 25 C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
See Fig. 1
Peak Forward Surge Current, 8.3 ms single half sine- wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 1.0A
Maximum DC Reverse Current
Ta=25℃
at Rated DC Blocking Voltage
Ta=125℃
Typical Junction Capacitance (Note1)
1.0
50
- 55 ~ +150
A
A
V
uA
pF
1.10
10
NOTES
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
MECHANICAL DATA
FEATURES
℃
℃
Operating
Storage Temperature Range TSTG
Temperature Range TJ
V
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
V
V
GL1A
GL1B
GL1D
GL1G
GL1J
GL1K
GL1M
UNITS
SEMICONDUCTOR
TECHNICAL DATA
GL1A ~ GL1M
2012.01.30
1/3
Revision No : 0
50
100
200
400
600
800
1000
25
5.0
● Glass passivated standard rectifiers
● Ideal for automated placement
● Low forward voltage drop
● Low leakage current
● Meets environmental standard MIL-S-19500
● Meets MSL level 1, per J-STD-020
● Solder dip 275 °C, 10 s
● Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
For use in general purpose rectification of lighting, power supplies, inverters, converters and
freewheeling diodes for consumer, automotive and telecommunication.
TYPICAL APPLICATIONS
● Case: DO-213AA, molded epoxy over glass body Epoxy meets UL 94V-0 flammability rating
● Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD22-B102
● Polarity : Two bands indicate cathode end - 1st band denotes device type and cathode, white ring
denotes cathode and general standard rectifier family, and 2nd band denotes repetitive peak reverse voltage rating
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
- 55 ~ +150


Similar Part No. - GL1A

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GL1A DIOTEC-GL1A Datasheet
157Kb / 2P
Surface Mount Si-Rectifiers
logo
Semikron International
GL1A SEMIKRON-GL1A Datasheet
116Kb / 2P
Standard silicon rectifier diodes
logo
Diotec Semiconductor
GL1A DIOTEC-GL1A Datasheet
102Kb / 2P
Surface Mount Silicon Rectifier Diodes
logo
Shenzhen Luguang Electr...
GL1A LUGUANG-GL1A Datasheet
183Kb / 2P
Surface Mount Rectifiers
logo
Diotec Semiconductor
GL1A DIOTEC-GL1A Datasheet
141Kb / 2P
Standard Recovery SMD Rectifier Diodes
More results

Similar Description - GL1A

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
1N4001 FS-1N4001 Datasheet
621Kb / 2P
REVERSE VOLTGE 50V~1000V, FORWARD CURRENT 1.0AMP Rectifiers
1N4001S FS-1N4001S Datasheet
597Kb / 2P
REVERSE VOLTGE 50V~1000V, FORWARD CURRENT 1.0AMP Rectifiers
1N5400 FS-1N5400 Datasheet
740Kb / 2P
REVERSE VOLTGE 50V~1000V, FORWARD CURRENT 3.0AMP Rectifiers
FR101 FS-FR101 Datasheet
463Kb / 3P
FAST RECOVERY RECTIFIER REVERSE VOLTGE 50V~1000V, FORWARD CURRENT 1.0AMP
GN1A FS-GN1A Datasheet
212Kb / 3P
REVERSE VOLTGE 50V~1000V FORWARD CURRENT 1.0AMP Surface Mount Rectifiers
GN3A FS-GN3A Datasheet
150Kb / 3P
REVERSE VOLTGE 50V~1000V FORWARD CURRENT 3.0AMP Surface Mount Rectifiers
HS1A FS-HS1A Datasheet
193Kb / 2P
REVERSE VOLTGE 50V~1000V FORWARD CURRENT 1.0AMP ULTRA-FAST RECTIFIER
US1A FS-US1A Datasheet
162Kb / 2P
REVERSE VOLTGE 50V~1000V FORWARD CURRENT 1.0AMP ULTRA-FAST RECTIFIER
US2AA FS-US2AA Datasheet
312Kb / 3P
REVERSE VOLTGE 50V~1000V FORWARD CURRENT 2.0AMP FAST RECOVERY RECTIFIER
S1A FS-S1A Datasheet
364Kb / 2P
REVERSE VOLTGE 50V~1000V FORWARD CURRENT 1.0AMP Surface Mount Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com