Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CL704 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 2CL704
Description  Plastic Fast Recover High Voltage Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

2CL704 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  2CL704 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 2CL704 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
特征
Features
塑封快恢复高压二极管
反向电压
4KV
正向电流
5mA
Plastic Fast Recover High Voltage Rectifier
Reverse Voltage 4KV
Forward Current 5mA
电特性 TA = 25℃ 除非另有规定。
Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
极限值和温度特性
TA = 25℃ 除非另有规定。
Maximum Ratings & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
-40 --- +120
-40 --- +100
120
反向重复峰值电压
Repetitive Peak Reverse Voltage
正向平均电流
Average Forward Current
正向(不重复)浪涌电流
Non-Repetitive Forward Surge Current
最高结温
Maximum Junction Temperature
贮存温度
Storage Temperature
工作环境温度
Ambient Temperature
KV
mA
A
℃
℃
VRRM
IF(AV)
IFSM
T(vJ)
Tstg
符号
Symbol
单位
Unit
4
参数名称
Item
0.5
Tamb
℃
15
5
IF =10mA
正向压降
常温反向漏电流
高温反向漏电流
反向恢复时间
V
μA
μA
nS
IRM1
trr
Forward Voltage Drop
Normal Temperature Reverse Current
Reverse Recovery Time
符号
Symbol
单位
Unit
High Temperature Reverse Current
VF
80
2
IRM2
IF =2mA,Irp=4mA
75% recovery
TA=100℃ VR=VRRM
VR=VRRM
●适用于高稳定显示器或电视接收机及办公类自动化设备
For high resolution displays or TV receivers and Working
automation equipment
●扩散结
Diffused-junction
●具有良好的高温输出特性
Excellent high temperation output characteristics
(Small leakage current at high temperature and
excellent reverse characterics)
5
Unit:mm
MIN
MIN
26
6.5±0.2
26
2.5±0.2
0.5±0.03
参数名称
Item
(正弦半波50HZ,电阻负载Ta=25℃)
(50HZ half-sine wave,Resistance load Ta=25℃)
(正弦半波50HZ,1/2周期,Ta=25℃)
(50HZ half-sine wave,1/2 cycle, Ta = 25 ℃)
2CL704
2CL704
2CL704
Rev :
www.leiditech.com
01.06.2018
1/2


Similar Part No. - 2CL704

ManufacturerPart #DatasheetDescription
logo
SiPower Inc.
2CL704 SIPOWER-2CL704 Datasheet
66Kb / 2P
Fast Recovery High Voltage Diodes
logo
First Silicon Co., Ltd
2CL704 FS-2CL704 Datasheet
321Kb / 2P
Fast Recover High Voltage Rectifier
logo
DONGGUAN YOU FENG WEI E...
2CL704 YFWDIODE-2CL704 Datasheet
352Kb / 2P
Fast recovery high voltage diodes
More results

Similar Description - 2CL704

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PR1507 ETC-PR1507 Datasheet
161Kb / 2P
Plastic Fast Recover Rectifier
logo
Rugao Dachang Electroni...
2CL70A DACHANG-2CL70A Datasheet
117Kb / 2P
Plastic Fast Recover High Voltage Rectifier
RU3 DACHANG-RU3_15 Datasheet
119Kb / 2P
Plastic Fast Recover Rectifier
TVR1B DACHANG-TVR1B_15 Datasheet
118Kb / 2P
Plastic Fast Recover Rectifier
BA157 DACHANG-BA157_15 Datasheet
125Kb / 2P
Plastic Fast Recover Rectifier
EU1Z DACHANG-EU1Z_15 Datasheet
120Kb / 2P
Plastic Fast Recover Rectifier
FR601 DACHANG-FR601_15 Datasheet
118Kb / 2P
Plastic Fast Recover Rectifier
MPG06A DACHANG-MPG06A_15 Datasheet
118Kb / 2P
Plastic Fast Recover Rectifier
logo
First Silicon Co., Ltd
2CL71A FS-2CL71A Datasheet
218Kb / 2P
Plastic Fast Recover High Voltage Rectifier
logo
Shanghai Leiditech Elec...
2CL71A LEIDITECH-2CL71A Datasheet
306Kb / 2P
Plastic Fast Recover High Voltage Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com