Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT46WS Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # BAT46WS
Description  Schottky Barrier Iode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

BAT46WS Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  BAT46WS Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd BAT46WS Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAT46WS
◇ High breakdown Voltage
◇ Low Forward Voltage Schottky Rectifier
◇ SOD323 Micro SMD package
◇ RoHS compliant / Green EMC
◇ Matte Tin (Sn) Lead finish
◇ Cathode Band / Device marking
Device Marking Code
BAT46WS
S9
Maximum Ratings (Ta = 25 ℃)
Symbol
Parameter
value
Units
V
RM
Non-Repetitive Peak Reverse Voltage
100
V
V
RRM
Repetitive Peak Reverse Voltage
100
V
V
R(RMS)
RMS Reverse Voltage
70
V
I
O
Average Rectified Output Current
75
mA
P
D
Power Dissipation
200
mW
T
J
Junction Temperature
125
℃
T
STG
Storage Temperature
-55 to +125
℃
Electrical Characteristics (Ta = 25 ℃)
Symbol
Parameter
Test Conditions
Min
Max
Units
V
BR
Reverse Breakdown Voltage
I R=100uA
100
V
F
Forward Voltage
I
F=0.1mA
I
F=10 mA
I
F=250 mA
0.25
0.45
1
V
I
R
Reverse current
V
R=10V
V
R=50V
V
R=75V
0.8
2.0
5.0
uA
BAT48WS
Rev :
www.leiditech.com
01.06.2015
1/2
Schottky Barrier Iode/DATA SHEET


Similar Part No. - BAT46WS

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BAT46WS JIANGSU-BAT46WS Datasheet
1Mb / 4P
SCHOTTKY BARRIER DIODE
logo
Micro Commercial Compon...
BAT46WS MCC-BAT46WS Datasheet
306Kb / 3P
Schottky Barrier Diode 200mW
logo
TECH PUBLIC Electronics...
BAT46WS TECHPUBLIC-BAT46WS Datasheet
1Mb / 6P
Schottky Diodes
logo
SHIKUES Electronics
BAT46WS SKTECHNOLGY-BAT46WS Datasheet
327Kb / 3P
SCHOTTKY BARRIER RECTIFIERS
logo
FutureWafer Tech Co.,Lt...
BAT46WS FUTUREWAFER-BAT46WS Datasheet
1Mb / 10P
Schottky Barrier Rectifier
27-DEC-2021 V 2.1
More results

Similar Description - BAT46WS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
U3FWK42 TOSHIBA-U3FWK42 Datasheet
141Kb / 4P
TOSHIBA SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
logo
EIC discrete Semiconduc...
LL5817 EIC-LL5817 Datasheet
39Kb / 2P
SCHOTTKY BARRIER
LMK12 EIC-LMK12 Datasheet
112Kb / 2P
SCHOTTKY BARRIER
logo
Seme LAB
SB30-100SSMD SEME-LAB-SB30-100SSMD Datasheet
28Kb / 2P
SCHOTTKY BARRIER
SB60-45SSMD SEME-LAB-SB60-45SSMD Datasheet
28Kb / 2P
SCHOTTKY BARRIER
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
First Silicon Co., Ltd
H1A FS-H1A Datasheet
237Kb / 2P
High Efficient Rectifier D iode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com