Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC817 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # PC817
Description  1-CHANNEL TRANSISTOR OUTPUT TYPE PHOTO COUPLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

PC817 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  PC817 Datasheet HTML 1Page - First Silicon Co., Ltd PC817 Datasheet HTML 2Page - First Silicon Co., Ltd PC817 Datasheet HTML 3Page - First Silicon Co., Ltd PC817 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2016. 07. 30
3/4
Revision No : 0
PC817
-25
50
25
75
10
20
30
100
60
50
40
125
0
0
Ambient Temperature ( C)
Forward Current vs. Ambien Temperature
0
0.5
1.0
1.5
0.6
1
100
10
600
Forward Current vs. Forward Voltage
Forward Voltage VF (V)
2.0
2.5
3.0
3.5
9
34
5
7
8
6
0
1
2
0
10
20
25
15
5
30
Collector Current vs.
Collector-Emitter Voltage
Collector-Emitter Voltage VCE (V)
Ta=25 C
-25 C
75 C
50 C
0 C
0
80
100
40
20
60
120
140
0
5
0
1
1
Current Transfer Ratio vs. Forward Current
Forward current IF (mA)
160
180
200
Relative Current Transfer Ratio vs.
Ambient Temperature
-25
50
25
75
100
125
0
Ambient Temperature ( C)
Collector Power Dissipation vs.
Ambien Temperature
Ambient Temperature ( C)
VCE=5V
Ta=25 C
Ta=25 C
IF=30mA
PC(MAX.)
20mA
10mA
5mA
50
200
150
100
0
-30
50
25
75
125
100
0
50
150
100
0
IF=5mA
VCE=5V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com