Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC817 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # PC817
Description  1-CHANNEL TRANSISTOR OUTPUT TYPE PHOTO COUPLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

PC817 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  PC817 Datasheet HTML 1Page - First Silicon Co., Ltd PC817 Datasheet HTML 2Page - First Silicon Co., Ltd PC817 Datasheet HTML 3Page - First Silicon Co., Ltd PC817 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SEMICONDUCTOR
TECHNICAL DATA
PC817
2016. 07. 30
1/4
Revision No : 0
1-CHANNEL TRANSISTOR OUTPUT TYPE PHOTO COUPLER
The PC817 Series contains a light emitting diode optically coupled to
a phototransistor. Input-output isolation voltage is 5000Vrms. Response
time(tr) is typically 4us and minimum CTR is 50% at input current of
5mA.
FEATURES
Collector-Emitter Voltage : Min.80V
Current Transfer Ratio
(CTR : MIN. 50% at IF=5mA, VCE=5V).
High isolation voltage between input and output.
(VISO=5,000Vrms)
APPLICATIONS
Feedback circuit in power supply.
Switching Mode Power Supply.
System appliances, Measuring instruments.
Registers, Copiers, Automatic vending machines.
Electric home applicances such as fan heaters, etc.
DIP-4
0.5TYP.
4.6
0.5
+
_
7.62
0.3
+
_
7.62~9.98
0.5
0.1
_
2.54
0.25
_
0.26
DIP-4 (M)
4.6
0.5
_
7.62
0.3
_
10.16
0.5
_
0.5
0.1
2.54
0.25
_
0.26
DIP-4(S)
4.6
0.5
_
7.62
0.3
_
10.16
0.5
_
2.54
0.25
_
1
0.25
_
1.2
0.1
_
RANK TABLE OF CURRENT TRANSFER RATIO(CTR)
BLOCK DIAGRAM AND PIN CONFIGURATIONS (TOP VIEW)
1. ANODE
2. CATHODE
3. EMITTER
4. COLLECTOR
1
2
3
4
RANK MARK
CTR (%)
TEST CONDITION
(None)
50~600
IF=5mA, VCE=5V, Ta=25
A
80~160
B
130~260
C
200~400
D
300~600
L
50~100
PC817M
PC817S
PC817


Similar Part No. - PC817

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC817 SHARP-PC817 Datasheet
549Kb / 11P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
November 28, 1995
PC817 SHARP-PC817 Datasheet
85Kb / 4P
High Density Mounting Type Photocoupler
PC817 SHARP-PC817 Datasheet
511Kb / 11P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
June 14, 1996
logo
Guangdong Kexin Industr...
PC817 KEXIN-PC817 Datasheet
1Mb / 4P
High Density Mounting Type Photocoupler
logo
Hotchip Technology Co.,...
PC817 HOTCHIP-PC817 Datasheet
852Kb / 5P
High isolation voltage between inputand output (Viso=5000 V rms )
More results

Similar Description - PC817

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT6350 MARKTECH-MT6350 Datasheet
217Kb / 6P
PHOTO TRANSISTOR COUPLER
logo
NEC
PS2403-1 NEC-PS2403-1 Datasheet
149Kb / 5P
MULTI PHOTO COUPLER HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE
logo
COSMO Electronics Corp...
KP7010 COSMO-KP7010 Datasheet
231Kb / 2P
High Reliability Digital Output IC Photo IC Photo Coupler
KP7110 COSMO-KP7110 Datasheet
230Kb / 2P
High Reliability Digital Output IC Photo IC Photo Coupler
logo
NEC
PS2007B NEC-PS2007B Datasheet
84Kb / 3P
PHOTO COUPLER
PS2043 NEC-PS2043 Datasheet
109Kb / 4P
PHOTO COUPLER
logo
List of Unclassifed Man...
EL816 ETC-EL816 Datasheet
425Kb / 12P
Photo coupler
logo
Everlight Electronics C...
EL815 EVERLIGHT-EL815 Datasheet
349Kb / 11P
Photo coupler
EL816 EVERLIGHT-EL816 Datasheet
338Kb / 13P
Photo coupler
logo
Guangdong Youtai Semico...
PC357 UMW-PC357 Datasheet
828Kb / 8P
SOP4, DC Input Photo Transistor Coupler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com