Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD1811CDN Datasheet(PDF) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # ESD1811CDN
Description  LOW VOLTAGE BIDIRECTIONAL TVS DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

ESD1811CDN Datasheet(HTML) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  ESD1811CDN Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd ESD1811CDN Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd ESD1811CDN Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd ESD1811CDN Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd ESD1811CDN Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd ESD1811CDN Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Transmission Line Pulse (TLP) is a measurement technique used in the Electrostatic Discharge (ESD) arena to
characterize performance attributes of devices under ESD stresses. TLP is able to obtain current versus voltage (I−V)
curves in which each data point is obtained with a 100 ns long pulse, with currents up to 40 A. TLP was first used
in the ESD field to study human body model (HBM) in integrated circuits, but it is an equally valid tool in the field
of system level ESD. The applicability of TLP to system level ESD is illustrated in Figure 1, which compares an
8 kV IEC 61000−4−2 current waveform with TLP current pulses of 8 and 16 A. The current levels and time
duration for the pulses are similar and the initial rise time for the TLP pulse is comparable to the rise time of the
IEC 61000−4−2’s initial current spike. This application note will give a basic introduction to TLP measurements and
explain the datasheet parameters extracted from TLP for SDI Technology’s protection products.
ESD1811CDN
Rev :
www.leiditech.com
01.06.2018
5/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com