Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD1811CDN Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # ESD1811CDN
Description  LOW VOLTAGE BIDIRECTIONAL TVS DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

ESD1811CDN Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  ESD1811CDN Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd ESD1811CDN Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd ESD1811CDN Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd ESD1811CDN Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd ESD1811CDN Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd ESD1811CDN Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ESD1811CDN
Features
●
●
●
●
Applications
●
●
●
●
●
Dimensions DFN1006
Pin Configuration
Mechanical Characteristics
●
●
●
●
Absolute Maximum Ratings(Tamb=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Peak Pulse Power (8/20µs)
Ppp
150
W
ESD per IEC 61000−4−2 (Air)
VESD
± 30
Kv
ESD per IEC 61000−4−2 (Contact)
± 30
Operating Temperature Range
TJ
-55 to +150
℃
Storage Temperature Range
TSTJ
-55 to +150
℃
LOW VOLTAGE BIDIRECTIONAL TVS DIODE
●
●
150 Watts Peak Pulse Power per Line (tp=8/20μs)
Protects One Bidirectional I/O Lines
Low Clamping Voltage
RoHS Compliant
IEC61000-4-2 (ESD) ±30kV (air), ±30kV (contact)
IEC61000-4-4 (EFT) 40A (5/50ηs)
IEC61000-4-5 (LIGHTING) 18A (8/20μs)
●
●
●
Cellular Handsets & Accessories
Keypads, Side Keys, Audio Ports
Portable Instrumentation'
Notebooks, Desktops, and Servers
Digital Lines
Tablet PC
DFN1006 Package
Molding Compound Flammability Rating : UL 94V-O
Weight 0.5 Millgrams (Approximate)
Reel Size : 7 inch
Lead Finish : Lead Free
Rev :
www.leiditech.com
01.06.2018
1/6


Similar Part No. - ESD1811CDN

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
ESD180V12D-A SOCAY-ESD180V12D-A Datasheet
310Kb / 6P
Transient Voltage Suppressors for ESD Protection
ESD180V12D-A SOCAY-ESD180V12D-A Datasheet
310Kb / 6P
Transient Voltage Suppressors for ESD Protection
ESD180V12D-A SOCAY-ESD180V12D-A Datasheet
310Kb / 6P
Transient Voltage Suppressors for ESD Protection
ESD180V12D-A SOCAY-ESD180V12D-A Datasheet
310Kb / 6P
Transient Voltage Suppressors for ESD Protection
ESD180V12D-A SOCAY-ESD180V12D-A Datasheet
310Kb / 6P
Transient Voltage Suppressors for ESD Protection
More results

Similar Description - ESD1811CDN

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D5V0L1B2WS DIODES-D5V0L1B2WS Datasheet
102Kb / 4P
LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev 4
D5V0L1B2LP-7B DIODES-D5V0L1B2LP-7B Datasheet
101Kb / 4P
LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev 9
D5V0L1B2T-7 DIODES-D5V0L1B2T-7 Datasheet
106Kb / 4P
LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev 5
logo
Yea Shin Technology Co....
YSUM3311P YEASHIN-YSUM3311P Datasheet
844Kb / 3P
LOW VOLTAGE BIDIRECTIONAL TVS DIODE
logo
Diodes Incorporated
D8V0L1B2LP3 DIODES-D8V0L1B2LP3 Datasheet
379Kb / 4P
LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev 1
DESD3V3Z1BCSF DIODES-DESD3V3Z1BCSF Datasheet
446Kb / 5P
LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev 4
logo
Shanghai Leiditech Elec...
ESD2511CDN LEIDITECH-ESD2511CDN Datasheet
516Kb / 4P
LOW VOLTAGE BIDIRECTIONAL TVS DIODE
logo
Diodes Incorporated
D5V0L1B2TQ DIODES-D5V0L1B2TQ Datasheet
314Kb / 5P
LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
November 2019 Rev. 1 - 2
D8V0L1B2LPQ DIODES-D8V0L1B2LPQ Datasheet
293Kb / 5P
LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
November 2018 Rev. 1 - 2
DESD3V3XA1BCSF DIODES-DESD3V3XA1BCSF Datasheet
349Kb / 5P
LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
March 2021 Rev.1 - 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com