Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHCH252012A-R24M-Q8 Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LHCH252012A-R24M-Q8
Description  This specification applies to Molding power inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LHCH252012A-R24M-Q8 Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LHCH252012A-R24M-Q8 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LHCH252012A-R24M-Q8 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LHCH252012A-R24M-Q8 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LHCH252012A-R24M-Q8 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LHCH252012A-R24M-Q8 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LHCH252012A-R24M-Q8 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
6 Configuration and Dimensions:
7 Electrical Characteristics:
Inductance
Tolerance
Test Freq.
Irms(A)
Isat(A)
RDC(mΩ)
(uH)
(±%)
Max.(Typ)
Max.(Typ)
Max.(Typ)
LHCH252012A-R24M-Q8
0.24
20
2MHz,0.2V
6.2(7.3)
9.0(10.5)
15(11.5)
LHCH252012A-R33M-Q8
0.33
20
2MHz,0.2V
5.8(6.4)
8.5(10.0)
18(14.5)
LHCH252012A-R47M-Q8
0.47
20
2MHz,0.2V
3.8(4.5)
5.6(7.0)
33(28.0)
LHCH252012A-R68M-Q8
0.68
20
2MHz,0.2V
3.8(4.4)
5.0(6.2)
36(30.0)
LHCH252012A-1R0M-Q8
1
20
2MHz,0.2V
3.6(4.1)
4.4(5.5)
42(35.0)
LHCH252012A-1R5M-Q8
1.5
20
2MHz,0.2V
2.7(3.1)
3.4(4.2)
65(57.0)
LHCH252012A-2R2M-Q8
2.2
20
2MHz,0.2V
2.5(2.9)
3.0(3.7)
83(74.0)
NOTE:
1.Operating temperature range
-40℃ ~ 125℃(Including self - temperature rise)
2.Isat for Inductance drop 30% from its value without current.
3.Irms for a 40
℃ temperature rise from 25℃ ambient.
4.All test data is referenced to 25
℃ ambient
5.Absolute maximum voltage 25VDC
Part No.
LHCH252012A Series
Rev :
www.leiditech.com
01.06.2018
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com