Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHCH252012A-R24M-Q8 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LHCH252012A-R24M-Q8
Description  This specification applies to Molding power inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LHCH252012A-R24M-Q8 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LHCH252012A-R24M-Q8 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LHCH252012A-R24M-Q8 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LHCH252012A-R24M-Q8 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LHCH252012A-R24M-Q8 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LHCH252012A-R24M-Q8 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LHCH252012A-R24M-Q8 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1 Scope:
2 Part Numbering:
3 Rating:
-40℃ ~ 125℃(after PCB)
-5℃~35℃,Humidity 45%~85%(before PCB)
4 Marking:
5 Standard Testing Condition
In case of doubt
Temperature
Ordinary Temperature(15 to 35
℃)
Ordinary Humidity(25 to 85% RH)
20 to 30
℃
Humidity
50 to 80 %RH
This specification applies to Molding power inductors
Operating Temperature: -40℃ ~ 125℃(Including self - temperature rise)
Storage Temperature:
Unless otherwise specified
LHCH252012A Series
L
Rev :
www.leiditech.com
01.06.2018
1/6


Similar Part No. - LHCH252012A-R24M-Q8

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
LHC EDI-LHC Datasheet
48Kb / 2P
HIGH VOLTAGE DIFFUSED SILICON RECTIFIERS
logo
Inventronics Inc.
LHC-024S035RSP INVENTRONICS-LHC-024S035RSP Datasheet
221Kb / 7P
24W Constant Current Indoor Driver
Rev. E
LHC-024S050RSP INVENTRONICS-LHC-024S050RSP Datasheet
221Kb / 7P
24W Constant Current Indoor Driver
Rev. E
LHC-024S070RSP INVENTRONICS-LHC-024S070RSP Datasheet
221Kb / 7P
24W Constant Current Indoor Driver
Rev. E
LHC-024S105RSP INVENTRONICS-LHC-024S105RSP Datasheet
221Kb / 7P
24W Constant Current Indoor Driver
Rev. E
More results

Similar Description - LHCH252012A-R24M-Q8

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LDRH127-220M-B2 LEIDITECH-LDRH127-220M-B2 Datasheet
511Kb / 5P
This specification applies to SMD Shielded Power Choke
LM0402 LEIDITECH-LM0402 Datasheet
2Mb / 6P
This specification applies to Wire Wound Ceramic Chip Inductors
LMDH74T LEIDITECH-LMDH74T Datasheet
654Kb / 10P
This specification applies to SMD Shielded Power Choke
UW21T-900M-N LEIDITECH-UW21T-900M-N Datasheet
842Kb / 6P
This specification applies to CUW FILTER
AWCU00453226513TT2 LEIDITECH-AWCU00453226513TT2 Datasheet
665Kb / 6P
This specification applies to CUW FILTER
CUW43T-513T-AU LEIDITECH-CUW43T-513T-AU Datasheet
593Kb / 6P
This specification applies to CUW FILTER
LWCU00452522142Y00 LEIDITECH-LWCU00452522142Y00 Datasheet
980Kb / 8P
This specification applies to BWCU FILTER
BWVS00808040101M00 LEIDITECH-BWVS00808040101M00 Datasheet
889Kb / 8P
This specification applies to Wire Wound Power Inductors
LMDH47T LEIDITECH-LMDH47T Datasheet
654Kb / 10P
This specification applies to SMD Shielded Power Choke
SCD03021T-470M-N LEIDITECH-SCD03021T-470M-N Datasheet
755Kb / 8P
This specification applies to SMD Unshielded Power Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com