Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM0708 Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM0708
Description  N-Channel Super Trench Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM0708 Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM0708 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0708 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0708 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0708 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0708 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0708 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics (TJ=25℃ unless otherwise noted)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
STATIC PARAMETERS
BV
DSS
Drain-Source Breakdown Voltage
V
GS=0V ID=250μA
70
V
I
DSS
Zero Gate Voltage Drain Current
V
DS=70V,VGS=0V
1
μA
I
GSS
Gate-Body Leakage Current
V
GS=±25V,VDS=0V
±100
nA
V
GS(th)
Gate Threshold Voltage
V
DS=VGS,ID=250μA
2.0
3.0
4.0
V
R
DS(ON)
Drain-Source On-State
Resistance
V
GS=10V, ID=20A
7
8
mΩ
DYNAMIC PARAMETERS
Ciss
Input Capacitance
V
DS=30V,VGS=0V,
F=1.0MHz
3000
pF
Coss
Output Capacitance
350
pF
Crss
Reverse Transfer Capacitance
190
pF
SWITCHING PARAMETERS
td(on)
Turn-on Delay Time
V
DD=40V,ID=1A,
V
GS=10V,
R
G=6Ω
14
nS
tr
Turn-on Rise Time
15
nS
td(off)
Turn-Off Delay Time
28
nS
tf
Turn-Off Fall Time
50
nS
Qg
Total Gate Charge
V
DS=50V,ID=10A,
VGS=10V
65
nC
Qgs
Gate-Source Charge
12
nC
Qgd
Gate-Drain Charge
20
nC
VSD
Diode Forward Voltage
VGS=0V,ISD=10A
0.72
1.4
V
Rg
Gate resistance
VGS=0V, VDS=0V,
F=1MHz
1.45
Ω
Note:
1.
Repetitive Rating : Pulsed width limited by maximum junction temperature.
2.
VDD=48V,VGS=10V,L=0.
5mH,IAS=35A, Starting TJ=25℃
3.
The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%.
4.
Essentially independent of operating temperature.
Rev :
www.leiditech.com
01.06.2018
2/6
LM0708



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com