Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM0708 Datasheet(PDF) 6 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM0708
Description  N-Channel Super Trench Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM0708 Datasheet(HTML) 6 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM0708 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0708 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0708 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0708 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0708 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0708 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Min.
Max.
Min.
Max.
A
4.470
4.670
0.176
0.184
A1
0.000
0.150
0.000
0.006
B
1.120
1.420
0.044
0.056
b
0.710
0.910
0.028
0.036
b1
1.170
1.370
0.046
0.054
c
0.310
0.530
0.012
0.021
c1
1.170
1.370
0.046
0.054
D
10.010
10.310
0.394
0.406
E
8.500
8.900
0.335
0.350
e
e1
4.980
5.180
0.196
0.204
L
14.940
15.500
0.588
0.610
L1
4.950
5.450
0.195
0.215
L2
2.340
2.740
0.092
0.108
L3
1.300
1.700
0.051
0.067
Φ
0°
8°
0°
8°
V
5.600 REF.
0.220 REF.
Symbol
Dimensions In Millimeters
Dimensions In Inches
2.540 TYP.
0.100 TYP.
TO263 PACKAGE INFORMATION
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
Rev :
www.leiditech.com
01.06.2018
6/6
LM0708



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com