Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4141 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STW4141
Description  Single Coil Dual Output Step Down DC/DC Converter for Digital Base Band and Multimedia Processor Supply
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4141 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STW4141 Datasheet HTML 14Page - STMicroelectronics STW4141 Datasheet HTML 15Page - STMicroelectronics STW4141 Datasheet HTML 16Page - STMicroelectronics STW4141 Datasheet HTML 17Page - STMicroelectronics STW4141 Datasheet HTML 18Page - STMicroelectronics STW4141 Datasheet HTML 19Page - STMicroelectronics STW4141 Datasheet HTML 20Page - STMicroelectronics STW4141 Datasheet HTML 21Page - STMicroelectronics STW4141 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
4 Application information
STw4141
18/27
3.5
Thermal shutdown protection
Thermal shutdown protects the device against damage due to overheating when maximum
operating junction temperature is exceeded. The device is kept in reset until junction
temperature decreases by 25°C approximately.
4
Application information
4.1
User mode details
The following table describes the different user modes available. Depending on the application
constraints (processor I/O pins available) and expected efficiency, PWM or PFM mode are
forced or automatically controlled by STw4141 internal digital gates.
Table 7.
STw4141 available user modes
Mode
User mode / pins
EN
AUTO
MODE/
SYNC
OFF
Shutdown
L
X
X
FORCED
Forced PFM
H
L
L
Forced PWM
H
L
H
Forced PWM and synchronized external clock
H
L
CLK
AUTO
Auto mode
H
H
L
Forced PWM
H
H
H
Forced PWM and synchronized external clock
H
H
CLK
Table 8.
Operating mode information (STATE pin - digital output)
Operation mode
State pin voltage level
PFM
VOUT1
PWM
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com