Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4141 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STW4141
Description  Single Coil Dual Output Step Down DC/DC Converter for Digital Base Band and Multimedia Processor Supply
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4141 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STW4141 Datasheet HTML 17Page - STMicroelectronics STW4141 Datasheet HTML 18Page - STMicroelectronics STW4141 Datasheet HTML 19Page - STMicroelectronics STW4141 Datasheet HTML 20Page - STMicroelectronics STW4141 Datasheet HTML 21Page - STMicroelectronics STW4141 Datasheet HTML 22Page - STMicroelectronics STW4141 Datasheet HTML 23Page - STMicroelectronics STW4141 Datasheet HTML 24Page - STMicroelectronics STW4141 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
STw4141
4 Application information
21/27
4.6.2
Input capacitor (CIN selection)
Input capacitor of 10
µF ceramic low ESR capacitor should be used to reduce switching losses.
It should be placed as close as possible to supply pins VDD and PVDD. The connection traces
should be wide and short to minimize impedance.
4.6.3
Output capacitors (COUT selection)
The selection of COUT is driven by the required ESR to minimize voltage ripple and load step
transients. There are two possibilities for output capacitors: either a 22
µF is connected to
ground or two 10
µF ceramic are used to reduce ESR and switching losses. The capacitor
should be placed as close as possible to VOUTx pins. The connection traces should be wide and
short to minimize impedance.
4.6.4
Capacitors selection
4.7
PCB layout considerations
The Printed Circuit Board layout must include the following consideration:
Current paths carrying high currents (bold lines in
Figure 15) must be wide and short to
minimize impedance in order to reduce looses and EMI.
Small currents flow through voltage paths. No specific care is requested about voltage paths
but it is recommended to follow the general rules for PCB routing to reduce influence of external
and internal interferences.
Table 10.
Bill of Material: capacitor selection
Component
Supplier
Part number
Value
Case size
C
IN
TDK
C1608X5R0J106MT
10
µF, 6.3V
0603
TDK
C2012X5R0J106MT
10
µF, 6.3V
0805
TAIYO YUDEN
JMK212BJ106MG-T
10
µF, 6.3V
0805
COUT1, COUT2
TDK
C1608X5R0J106MT
2 x 10
µF, 6.3V
2 x 0603
C2012X5R0J106MT
2 x 10
µF, 6.3V
2 x 0805
C2012X5R0J226MT
22
µF, 6.3V
0805
TAIYO YUDEN
JMK212BJ106MG-T
2 x 10
µF, 6.3V
2 x 0805
JMK212BJ226MG-T
22
µF, 6.3V
0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com