Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPM08036 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # DPM08036
Description  Pulse Modulator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

DPM08036 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  DPM08036 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Parameter
Min Typ
Max Units
Conditions
Operating Frequency
10
1000
MHz
DC Current
7.7
10
mA
At +5 VDC Supply
Control Type
TTL
1 Line, 1=Thru
Control Current:
High
050
µA
VIH = +2.0V
Low
0
-500
µA
VIL = +0.8V
Insertion Loss
2.0
3.0
dB
Isolation
75
83
dB
VSWR:
Thru
1.10/1
1.3/1
Termination
1.05/1
1.5/1
Impedance
50
OHMS
Switching Speed
215
300
nSEC
50% TTL to 10% / 90% RF
Transition (Rise/Fall) Time
45
200
nSEC
90% / 10% or 10% / 90% RF
In Band Transients
100
Control Signal PRF Range
22 Hz To 334 KHz Minimum
Pulse Width 1.0 µ Sec
-60
-37
dBm
DC-50 MHz
-84
-57
dBm
50-96 MHz
-93
-85
dBm
In Band
Intercept Points
2nd
+60
+73
dBm
3rd
+40
+44
dBm
RF Power
Operate
+19
+14
dBm
0.1 dB Compression
+22
+20
dBm
1.0 dB Compression
No Damage
+30
dBm
Operating Temperature
-40
+25
+90
°CTA
.075
.20
14 PLACES
.015±.002 DIA
TYP
.100
COLOR BEAD
CONTRASTING
IDENTIFICATION
PART
14
8
7
1
.50
.82
.325 TYP
.600
MODEL NO.
DPM08036
Pu lse Modulator
FEAT URES
10 - 1000 MHz
Very Low Transients
215 nSec Switching Speed
7.7 mA @ +5 VDC
14 Pin Flatpack
PSMD
GUARANTEED PERFORMANCE
DA I C O
I ndustries
18
•
••
•
•
TYPICAL PERFORMANCE
at 25 °C
1
2
34
5
67
8
9
10
11
12
13
14
GND
GND
GND
GND
GND
GND
GND
+5V
CONT BIT
RF
IN/OUT
GND
RF
OUT/IN
GND
GND
"0"
50 Ω Ω
50 Ω Ω
100
80
60
40
20
0
0
0.6
1.2
1.8
2.4
3.0
1.0
1.2
1.4
1.6
1.8
2.0
1
4
10
40
100
400
1000
2000
FREQUENCY (MHz)
ISO
I. LOSS
VSWR
7
70


Similar Part No. - DPM08036

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DPM XPPOWER-DPM Datasheet
109Kb / 1P
Diode Protection Module
logo
Cornell Dubilier Electr...
DPM CDE-DPM Datasheet
264Kb / 3P
Great for High Frequency Switching Power Supplies
logo
List of Unclassifed Man...
DPM 950S-EB-W ETC-DPM 950S-EB-W Datasheet
88Kb / 2P
3½ Digit LCD Voltmeter
01/2012
logo
Lascar Electronics
DPM 970 LASCAR-DPM 970 Datasheet
106Kb / 2P
Digital AC Voltmeter Module
06/2010
logo
FOTEK CONTROLS CO., LTD...
DPM-1 FOTEK-DPM-1 Datasheet
1Mb / 6P
DEW POINT BUMIDITY METER
More results

Similar Description - DPM08036

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
REGULATING PULSE WIDTH MODULATOR
logo
Analog Devices
AD9561 AD-AD9561 Datasheet
273Kb / 8P
Pulse Width Modulator
REV.0
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
REGULATING PULSE WIDTH MODULATOR
logo
National Semiconductor ...
LM1525A NSC-LM1525A Datasheet
290Kb / 10P
PULSE WIDTH MODULATOR
logo
Siemens Semiconductor G...
SLE4520 SIEMENS-SLE4520 Datasheet
468Kb / 11P
Pulse-Width Modulator
logo
Communications & Power ...
4CPW100KA CPI-4CPW100KA Datasheet
95Kb / 1P
Pulse modulator
logo
Microsemi Corporation
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
REGULATING PULSE WIDTH MODULATOR
logo
Analog Devices
AD9561 AD-AD9561_15 Datasheet
2Mb / 8P
Pulse Width Modulator
REV. 0
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
LM2524D TI-LM2524D_15 Datasheet
1Mb / 29P
Regulating Pulse Width Modulator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com