Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1A Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # GS1A
Description  General Purpose Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

GS1A Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  GS1A Datasheet HTML 1Page - First Silicon Co., Ltd GS1A Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SEMICONDUCTOR
TECHNICAL DATA
GS1A ~ GS1M
2012 01 02
1/2
Revision No : 0
General Purpose Rectifier
■ Features
■ Outline Dimensions and Mark
● I
o
1.0A
●V
RRM
50V-1000V
● High surge current capability
● Cases: Molded plastic
■ Applications
● Rectifier
■ Limiting Values (Absolute Maximum Rating)
Item
Symbol
Unit
Test Conditions
GS1
A
B
D
G
J
K
M
Repetitive Peak Reverse Voltage
VRRM
V
50
100
200
400
600
800
1000
Average Forward Current
IF(AV)
A
60HZ Half-sine wave, Resistance
load, TL =130℃
1.0
Surge(Non-repetitive)Forward
Current
IFSM
A
60Hz Half-sine wave ,1 cycle
Ta =25℃
30
Junction
Temperature
TJ
℃
-55~+150
Storage Temperature
TSTG
℃
-55 ~ +150
■ Electrical Characteristics (Ta=25 Unless otherwise specified)
Item
Symbol
Unit
Test Condition
GS1
A
B
D
G
J
K
M
Peak Forward Voltage
V
F
V
I
F =1 0A
1.1
Peak Reverse Current
I
RRM1
μA
VRM=VRRM
Ta =25℃
10
I
RRM2
Ta =125℃
50
Thermal
Resistance(Typical)
RθJ-A
℃/W
Between junction and ambient
95
1)
RθJ-L
Between junction and terminal
22
1)
Notes:
1)
Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.2" x 0.2" (5.0 mm x 5.0 mm) copper
pad areas
Dimensions in inches and (millimeters)
DO-214AC(SMA)
.187(4.75)
.167(4.25)
.111(2.83)
.094(2.40)
.062(1.58)
.049(1.25)
.091(2.30)
.075(1.90)
.056(1.41)
.030(0.76)
.008(0.20)
.003(0.08)
.012(0.31)
.006(0.15)
0.077(1.96)
0.220
(5.58)
Mounting Pad Layout
0.065
(1.66)
0.080
(2.04)
.208(5.28)
.194(4.93)
● AEC-Q101 qualified


Similar Part No. - GS1A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GS1A PANJIT-GS1A Datasheet
53Kb / 2P
SURFACE MOUNT RECTIFIER(VOLTAGE- 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Surge Components
GS1A SURGE-GS1A Datasheet
85Kb / 2P
SURFACE MOUNT RECTIFIER VOLTAGE - 50 TO 1000 Volts CURRENT - 1.0 Ampere?
logo
Transys Electronics
GS1A TRSYS-GS1A Datasheet
172Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Won-Top Electronics
GS1A WTE-GS1A Datasheet
48Kb / 3P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Jinan Gude Electronic D...
GS1A JGD-GS1A Datasheet
149Kb / 2P
1.0 AMP. SURFACE MOUNT RECTIFIERS
More results

Similar Description - GS1A

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
GS3AB YANGJIE-GS3AB Datasheet
140Kb / 2P
General Purpose Rectifier
RL251 YANGJIE-RL251 Datasheet
135Kb / 2P
General Purpose Rectifier
logo
Suntan Capacitors
10A05 SUNTAN-10A05 Datasheet
270Kb / 2P
GENERAL PURPOSE RECTIFIER
logo
Yangzhou yangjie electr...
1A1G YANGJIE-1A1G Datasheet
206Kb / 4P
General Purpose Rectifier
1A1 YANGJIE-1A1_17 Datasheet
206Kb / 4P
General Purpose Rectifier
1N4001 YANGJIE-1N4001_17 Datasheet
207Kb / 4P
General Purpose Rectifier
logo
New Jersey Semi-Conduct...
IN4587 NJSEMI-IN4587 Datasheet
145Kb / 2P
General Purpose Rectifier
logo
Inchange Semiconductor ...
1N4590 ISC-1N4590 Datasheet
210Kb / 2P
General Purpose Rectifier
logo
SiPower Inc.
SPAL00340LF SIPOWER-SPAL00340LF Datasheet
288Kb / 1P
General Purpose Rectifier
logo
First Silicon Co., Ltd
6A05 FS-6A05 Datasheet
120Kb / 2P
General Purpose Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com