Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CNT Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # CNT
Description  CONNECTOR TERMINAL BLOCK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

CNT Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  CNT Datasheet HTML 1Page - M-System Co.,Ltd. CNT Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL: CNT
http://www.m-system.co.jp/
CNT SPECIFICATIONS
ES-9232 Rev.6 Page 1/2
CONNECTOR TERMINAL BLOCK
Functions & Features
• Terminal board converting screw terminal wiring into a
connector
• Convenient in conjunction with various racks
CNT-S
CNT-M
MODEL: CNT–[1]
ORDERING INFORMATION
• Code number: CNT-[1]
Specify a code from below for [1].
(e.g. CNT-S)
[1] MODEL
S: 40 terminals (M4 screw)
M: 40 terminals (M3.5 screw)
RELATED PRODUCTS
• Special cable with 40-pin connector (model: FCN)
GENERAL SPECIFICATIONS
Rating: 125 V AC or DC, 1 A
Connection
•Screw terminal
CNT-S: M4 screw terminals (torque 0.8 to 1.2 N·m)
CNT-M: M3.5 screw terminals (torque 0.8 to 1.2 N·m)
Applicable wire size: ≤ 2 mm2
•Connector
FUJITSU 40-pin connector (FCN-364P040-AU)
INSTALLATION
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting
CNT-S: Surface
CNT-M: Surface or DIN rail
Weight
CNT-S: 350 g (0.77 lb)
CNT-M: 280 g (0.62 lb)
PERFORMANCE
Insulation resistance: ≥100 MΩ with 500 V DC (between
circuits and ground)
Dielectric strength: 500 V AC @1 min. (between circuits)
1000V AC @1 min. (between circuits and ground)


Similar Part No. - CNT

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CNT MACOM-CNT Datasheet
58Kb / 2P
Multifunction, Digital Time Delay Relay/Counter
logo
Contec Co., Ltd
CNT-3204IN-USB CONTEC-CNT-3204IN-USB Datasheet
834Kb / 5P
N Series for USB Isolated 32-bit Up/Down Counter Unit
CNT-3204MT-LPE CONTEC-CNT-3204MT-LPE Datasheet
414Kb / 4P
PCI Express-compliant High speed Up/Down Counter
CNT-3208M-PE CONTEC-CNT-3208M-PE Datasheet
276Kb / 7P
PCI Express-compliant High speed Up-down counter board
logo
Tyco Electronics
CNT-35-26 MACOM-CNT-35-26 Datasheet
58Kb / 2P
CNT series Multifunction, Digital Time Delay Relay/Counter
More results

Similar Description - CNT

ManufacturerPart #DatasheetDescription
logo
FCI connector
20020109 FCI-CONNECTOR-20020109 Datasheet
230Kb / 3P
TERMINAL BLOCK
logo
Adam Technologies, Inc.
EB49-XX-B ADAM-TECH-EB49-XX-B Datasheet
73Kb / 1P
TERMINAL BLOCK
EB50-A-XX-B ADAM-TECH-EB50-A-XX-B Datasheet
73Kb / 1P
TERMINAL BLOCK
EB59-1-XX-A ADAM-TECH-EB59-1-XX-A Datasheet
74Kb / 1P
TERMINAL BLOCK
EB110-XX-C ADAM-TECH-EB110-XX-C Datasheet
64Kb / 1P
TERMINAL BLOCK
EB111-XX-C ADAM-TECH-EB111-XX-C Datasheet
109Kb / 1P
TERMINAL BLOCK
EB115-XX-U ADAM-TECH-EB115-XX-U Datasheet
77Kb / 1P
TERMINAL BLOCK
EBYD-XX-J-GY ADAM-TECH-EBYD-XX-J-GY Datasheet
76Kb / 1P
TERMINAL BLOCK
TSF-XX ADAM-TECH-TSF-XX Datasheet
101Kb / 1P
TERMINAL BLOCK
logo
CUI INC
TBL004-508 CUI-TBL004-508 Datasheet
264Kb / 3P
TERMINAL BLOCK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com