Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CNT Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # CNT
Description  CONNECTOR TERMINAL BLOCK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

CNT Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  CNT Datasheet HTML 1Page - M-System Co.,Ltd. CNT Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MODEL: CNT
http://www.m-system.co.jp/
CNT SPECIFICATIONS
ES-9232 Rev.6 Page 2/2
DIMENSIONS unit: mm (inch)
■ CNT-S
■ CNT-M
17.5 (.69)
40.5 (1.59)
[3.3 (.13)]
60 (2.36)
50 (1.97)
40–M3.5 SCREW
DIN RAIL
35 mm wide
CONNECTOR
2–4.5 (.18) dia. MTG HOLE
(Approx. 7 deep)
B1
A1
A20
B20
A
1
B
1
A
20
B
20
•Pin Assignments
62 (2.44)
50 (1.97)
41 (1.61)
A1
A2
A20
NC
B1
B2
B20
NC
CONNECTOR
42–M4 SCREW
TERMINAL COVER
4–4.5 (.17) dia.
MTG HOLE
(Approx. 17.6 deep)
A
1
B
1
A
20
B
20
•Pin Assignments
11 (.43)
5 (.20)
4.5 (.18)
Specifications are subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com