Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10BOS Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 10BOS
Description  High-density Signal Conditioners 10-RACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

10BOS Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  10BOS Datasheet HTML 1Page - M-System Co.,Ltd. 10BOS Datasheet HTML 2Page - M-System Co.,Ltd. 10BOS Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: 10BOS
http://www.m-system.co.jp/
10BOS SPECIFICATIONS
ES-0883 Rev.7 Page 2/3
T
U
P
T
U
O
T
U
P
N
I
MAN/DCS
MAN.SWITCH
SW
PULSE OUT. CARD
LED
LED
LED
OUTPUT
SW
FWD
REV
FWD
REV
BACK
FWD
REV
FWD
REV
N
O
N
O
N
O
N
O
F
F
O
N
O
N
O
O
T
U
A
F
F
O
OFF
OFF
ON
OFF
ON
OFF
OFF
ON
OFF
OFF
ON
OFF
ON
OFF
OFF
OFF
OFF
OFF
OFF
FWD
ON
ON
OFF
ON
OFF
ON
OFF
OFF
OFF
ON
OFF
ON
OFF
OFF
ON
OFF
ON
OFF
ON
OFF
OFF
OFF
ON
OFF
ON
OFF
REV
ON
ON
OFF
OFF
ON
OFF
ON
OFF
OFF
OFF
ON
OFF
ON
OFF
ON
OFF
OFF
ON
OFF
ON
OFF
OFF
OFF
ON
OFF
ON
N
O
N
O
N
O
N
O
N
O
N
O
N
O
N
O
F
F
O
N
O
F
F
O
N
O
N
O
F
F
O
N
O
F
F
O
N
O
F
F
O
N
O
N
O
F
F
O
F
F
O
F
F
O
F
F
O
F
F
O
N
O
F
F
O
INSTALLATION
Current consumption: Approx. 40 mA
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Standard Rack 10BXx
Weight: 300 g (0.66 lb)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute
(input or output to power)
1500 V AC @ 1 minute (output to ground)
EXTERNAL VIEW
1
2
3
4
5
6
7
8
9
10 11
LED (red)
LED (amber)
TEST SWITCH



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com