Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10BOS Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 10BOS
Description  High-density Signal Conditioners 10-RACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

10BOS Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  10BOS Datasheet HTML 1Page - M-System Co.,Ltd. 10BOS Datasheet HTML 2Page - M-System Co.,Ltd. 10BOS Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: 10BOS
http://www.m-system.co.jp/
10BOS SPECIFICATIONS
ES-0883 Rev.7 Page 1/3
High-density Signal Conditioners 10-RACK
CONTACT OUTPUT MODULE
Functions & Features
• Accepting status signals from a DCS
• Controlling valve operations
• External switches enables to switch valve operation to
manual mode and to direct/reverse actions
• Internal siwtch enables manual operation under DCS
control
MODEL: 10BOS–1–R[1]
ORDERING INFORMATION
• Code number: 10BOS-1-R[1]
Specify a code from below for [1].
(e.g. 10BOS-1-R/Q)
• Specify the specification for option code /Q
(e.g. /C01)
INPUT
Status signal from DCS
OUTPUT
Relay contact (two)
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[1] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
GENERAL SPECIFICATIONS
Construction: Rack-mounted; terminal access via screw
terminals at the front and via card-edge connector at the
rear; terminal cover provided
Connection
Input: M3.5 screw terminals (torque 0.8 N·m)
Output: M3.5 screw terminals (torque 0.8 N·m)
Power input: Supplied from card-edge connector
Screw terminal: Nickel-plated steel
Housing material: Flame-resistant resin (black)
Isolation: Input or power to output
Test switch: LED indicator
INPUT SPECIFICATIONS
Input: Status signal from DCS
Coil rating: 24 V DC @ 20 mA max.
OUTPUT SPECIFICATIONS
Output: Relay contact (two)
Rating: 220 V AC @ 5 A (cos ø = 1)
24 V DC @ 5 A (resistive load)
Electrical life ≥ 1 × 105 cycles
Maximum switching voltage: 264 V AC or 100 V DC
Minimum load: 5 V DC @ 10 mA
Mechanical life: 5 × 107 cycles
For maximum relay life with inductive loads, external
protection is recommended.


Similar Part No. - 10BOS

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
10B DIOTEC-10B Datasheet
296Kb / 2P
Surface mount Silicon Planar Zener Diodes
logo
Aeroflex Circuit Techno...
10B-2001 AEROFLEX-10B-2001 Datasheet
85Kb / 2P
Military-Grade 10BASE-T interface module
logo
Pulse A Technitrol Comp...
10B-2001 PULSE-10B-2001 Datasheet
552Kb / 3P
MILITARY GRADE 10BASE-T INTERFACE MODULE
logo
PANDUIT CORP.
10B015EG PANDUIT-10B015EG Datasheet
32Kb / 1P
POLYESTER ELASTIC
logo
STMicroelectronics
10B1 STMICROELECTRONICS-10B1 Datasheet
149Kb / 5P
BIDIRECTIONAL TRANSILTM ARRAY FOR DATALINE PROTECTION
05-Apr-1000
More results

Similar Description - 10BOS

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
10JT MSYSTEM-10JT Datasheet
101Kb / 3P
High-density Signal Conditioners 10-RACK
10JFT MSYSTEM-10JFT Datasheet
177Kb / 5P
High-density Signal Conditioners 10-RACK
10EHZ MSYSTEM-10EHZ Datasheet
97Kb / 3P
High-density Signal Conditioners 10-RACK
10EC MSYSTEM-10EC Datasheet
67Kb / 1P
High-density Signal Conditioners 10-RACK
10DNY MSYSTEM-10DNY Datasheet
97Kb / 3P
High-density Signal Conditioners 10-RACK
10CA MSYSTEM-10CA Datasheet
93Kb / 3P
High-density Signal Conditioners 10-RACK
10AP MSYSTEM-10AP Datasheet
116Kb / 3P
High-density Signal Conditioners 10-RACK
10ABS MSYSTEM-10ABS Datasheet
86Kb / 2P
High-density Signal Conditioners 10-RACK
10YS MSYSTEM-10YS Datasheet
91Kb / 3P
High-density Signal Conditioners 10-RACK
10VP MSYSTEM-10VP Datasheet
94Kb / 3P
High-density Signal Conditioners 10-RACK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com