Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10B1 Datasheet (PDF) - STMicroelectronics

10B1 Datasheet PDF - STMicroelectronics
Part # 10B1
Download  10B1 Download
File Size   149.25 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description BIDIRECTIONAL TRANSILTM ARRAY FOR DATALINE PROTECTION

10B1 Datasheet (PDF)

Go To PDF Page Download Datasheet
10B1 Datasheet PDF - STMicroelectronics

Part # 10B1
Download  10B1 Click to download

File Size   149.25 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description BIDIRECTIONAL TRANSILTM ARRAY FOR DATALINE PROTECTION

10B1 Datasheet (HTML) - STMicroelectronics


10B1 Product details

Description
Transil diode arrays provide high overvoltage protection by clamping action. Their instantaneous response to transient overvoltages makes them particularly suited to protect voltage sensitive devices such as MOS technology and low voltage supplied IC’s.

Features
■ High surge capability Transil array: IPP = 40 A (8/20 µs)
■ Peak pulse power: 300 W (8/20 µs)
■ Up to 5 bidirectional Transil functions
■ Low clamping factor (VCL / VBR) at high current level
■ Low leakage current
■ ESD protection up to 15 kV

Complies with the following standards
■ IEC 61000-4-2 level 4
    – 15 kV (air discharge)
    – 8 kV (contact discharge)
■ MIL STD 883G- Method 3015-7: class 3B
    – 25 kV (human body model)

Applications
Differential data transmission line protection, such as:
■ RS-232
■ RS-423
■ RS-422
■ RS-485




Similar Part No. - 10B1

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
10B DIOTEC-10B Datasheet
296Kb / 2P
Surface mount Silicon Planar Zener Diodes
logo
Aeroflex Circuit Techno...
10B-2001 AEROFLEX-10B-2001 Datasheet
85Kb / 2P
Military-Grade 10BASE-T interface module
logo
Pulse A Technitrol Comp...
10B-2001 PULSE-10B-2001 Datasheet
552Kb / 3P
MILITARY GRADE 10BASE-T INTERFACE MODULE
logo
PANDUIT CORP.
10B015EG PANDUIT-10B015EG Datasheet
32Kb / 1P
POLYESTER ELASTIC
logo
Microdc power Technolog...
10B2403ZMD MICRODC-10B2403ZMD Datasheet
434Kb / 3P
10W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results


Similar Description - 10B1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ITA6V1U1 STMICROELECTRONICS-ITA6V1U1 Datasheet
177Kb / 5P
TRANSILTM ARRAY FOR DATALINE PROTECTION
05-Apr-1000
ITA6V5B3 STMICROELECTRONICS-ITA6V5B3 Datasheet
72Kb / 6P
BIDIRECTIONAL TRANSILTM ARRAY FOR DATALINE PROTECTION
05-Apr-1000
ITAXXU1 STMICROELECTRONICS-ITAXXU1 Datasheet
57Kb / 6P
TRANSIL ARRAY FOR DATALINE PROTECTION
13-Dec-2004
ITAXXB1 STMICROELECTRONICS-ITAXXB1 Datasheet
69Kb / 6P
BIDIRECTIONAL TRANSIL ARRAY FOR DATALINE PROTECTION
13-Dec-2004
ESDA14V2-4BF2 STMICROELECTRONICS-ESDA14V2-4BF2 Datasheet
131Kb / 7P
QUAD BIDIRECTIONAL TRANSIL??ARRAY FOR ESD PROTECTION
17-Jan-2006
ESDA14V2-4BF2 STMICROELECTRONICS-ESDA14V2-4BF2_08 Datasheet
115Kb / 8P
Quad bidirectional Transi array for ESD protection
16-Apr-2008
ITAXXB3 STMICROELECTRONICS-ITAXXB3 Datasheet
112Kb / 8P
Bidirectional Transil array for data line protection
07-Nov-2007
logo
GOOD-ARK Electronics
SES5VT23-3 GOOD-ARK-SES5VT23-3 Datasheet
193Kb / 3P
Bidirectional ESD Protection Array
SES5VT323-3 GOOD-ARK-SES5VT323-3 Datasheet
154Kb / 3P
Bidirectional ESD Protection Array
SES4VT23-3 GOOD-ARK-SES4VT23-3 Datasheet
349Kb / 4P
Bidirectional ESD Protection Array
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com