Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10B1 Datasheet(PDF) 3 Page - STMicroelectronics

Part # 10B1
Description  BIDIRECTIONAL TRANSILTM ARRAY FOR DATALINE PROTECTION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

10B1 Datasheet(HTML) 3 Page - STMicroelectronics

  10B1 Datasheet HTML 1Page - STMicroelectronics 10B1 Datasheet HTML 2Page - STMicroelectronics 10B1 Datasheet HTML 3Page - STMicroelectronics 10B1 Datasheet HTML 4Page - STMicroelectronics 10B1 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ITA6V5B1 / ITA10B1 / ITA18B1 /ITA25B1
3/5
P(W)
1E-03
1E-02
1E-01
1E+00
1E+01
1E+02
1E+01
1E+02
1E+03
1E+04
T
initial = 25 C
j
o
t(ms) expo
P
P
ITA25B1
ITA18B1
ITA10B1
ITA6V5B1
P
Fig. 1 : Typical peak pulse power versus
exponential pulse duration.
I(A)
1E-02
1E-01
1E+00
1E+01
1E+00
1E+01
1E+02
1E+03
DC
exponential waveform
t(ms)
Fig. 3 : Peak current IDC inducing open circuit of
the wire for one input/output versus pulse duration
(typical values).
Fig. 4 : Junction capacitance versus reverse
applied voltage for one input/output (typical
values).
Fig.
2 : Clamping voltage versus peak pulse
current (exponential waveform 8/20
µs).
Fig. 5 : Relative variation of leakage current
versus junction temperature



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com