Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3757 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC3757
Description  Silicon NPN epitaxial planer type(For high speed switching)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC3757 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC3757 Datasheet HTML 1Page - Panasonic Semiconductor 2SC3757 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Transistors
1
2SC3757
Silicon NPN epitaxial planer type
For high speed switching
I Features
• High-speed switching
• Low collector to emitter saturation voltage V
CE(sat)
• Mini type package, allowing downsizing of the equipment and
automatic insertion through the tape packing and the magazine
packing.
• Allowing pair use with 2SA1738
I Absolute Maximum Ratings T
a = 25°C
Parameter
Symbol
Rating
Unit
Collector to base voltage
VCBO
40
V
Collector to emitter voltage
VCES
40
V
Emitter to base voltage
VEBO
5V
Peak collector current
ICP
300
mA
Collector current
IC
100
mA
Collector power dissipation
PC
200
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Marking Symbol: 2Y
Unit: mm
0.40
+0.10
–0.05
2
1
3
(0.95) (0.95)
1.9±0.1
2.90
+0.20
–0.05
0.16
+0.10
–0.06
10
°
1: Base
JEDEC: TO-236
2: Emitter
EIAJ: SC-59
3: Collector
Mini Type Package
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector cutoff current
ICBO
VCB
= 15 V, I
E
= 0
0.1
µA
Emitter cutoff current
IEBO
VEB
= 4 V, I
C
= 0
0.1
µA
Forward current transfer ratio *
hFE
VCE = 1 V, IC = 10 mA
60
200
Collector to emitter saturation voltage
VCE(sat)
IC
= 10 mA, I
B
= 1 mA
0.17
0.25
V
Base to emitter saturation voltage
VBE(sat)
IC
= 10 mA, I
B
= 1 mA
1.0
V
Transition frequency
fT
VCB = 10 V, IE = −10 mA, f = 200 MHz
450
MHz
Collector output capacitance
Cob
VCB
= 10 V, I
E
= 0, f = 1 MHz
2
6
pF
Turn-on time
ton
17
ns
Turn-off time
toff
Refere to the measurement circuit
17
ns
Storage time
tstg
10
ns
I Electrical Characteristics T
a
= 25°C ± 3°C
Note) *: Rank classification
Rank
Q
R
hFE
60 to 120
90 to 200
Marking symbol
2YQ
2YR


Similar Part No. - 2SC3757

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC3750 SANYO-2SC3750 Datasheet
91Kb / 3P
Switching Regulator Applications
logo
Savantic, Inc.
2SC3750 SAVANTIC-2SC3750 Datasheet
278Kb / 4P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC3750 ISC-2SC3750 Datasheet
191Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC3750 SAVANTIC-2SC3750 Datasheet
280Kb / 4P
Silicon NPN Power Transistors
logo
Sanyo Semicon Device
2SC3751 SANYO-2SC3751 Datasheet
90Kb / 3P
Switching Regulator Applications
More results

Similar Description - 2SC3757

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC3313 PANASONIC-2SC3313 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SC3811 PANASONIC-2SC3811 Datasheet
41Kb / 2P
Silicon NPN epitaxial planer type(For high speed switching)
2SC3938 PANASONIC-2SC3938 Datasheet
42Kb / 2P
Silicon NPN epitaxial planer type(For high speed switching)
2SC4656 PANASONIC-2SC4656 Datasheet
35Kb / 2P
Silicon NPN epitaxial planer type
2SC4691 PANASONIC-2SC4691 Datasheet
42Kb / 2P
Silicon NPN epitaxial planer type(For high speed switching)
2SC4755 PANASONIC-2SC4755 Datasheet
42Kb / 2P
Silicon NPN epitaxial planer type(For high speed switching)
2SC4782 PANASONIC-2SC4782 Datasheet
42Kb / 2P
Silicon NPN epitaxial planer type(For high speed switching)
2SC5580 PANASONIC-2SC5580 Datasheet
43Kb / 1P
Silicon NPN epitaxial planer type(For high-frequency oscillation / switching)
2SD2184 PANASONIC-2SD2184 Datasheet
38Kb / 2P
Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SD2556 PANASONIC-2SD2556 Datasheet
45Kb / 1P
Silicon NPN epitaxial planer type(For power switching)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com