Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3757 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SC3757
Description  Silicon NPN epitaxial planer type(For high speed switching)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC3757 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SC3757 Datasheet HTML 1Page - Panasonic Semiconductor 2SC3757 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2SC3757
Transistors
2
PC  Ta
IC  VCE
VCE(sat)  IC
VBE(sat)  IC
hFE  IC
0
160
40
120
80
0
240
200
160
120
80
40
Ambient temperature T
a (°C)
0
0
1.2
0.2
1.0
0.4
0.8
0.6
120
100
80
60
40
20
2.5 mA
2.0 mA
1.5 mA
1.0 mA
0.5 mA
IB
= 3.0 mA
Collector to emitter voltage V
CE (V)
Ta
= 25°C
0.01
0.03
0.1
0.3
0.1
0.3
1
3
10
30
100
1
3
10
30
100
Ta
= 75°C
25
°C
−25°C
Collector current I
C (mA)
IC
/ I
B
= 10
0.01
0.03
13
0.1
0.3
1
3
10
30
100
10
30
100
300
1 000
Ta
= −25°C
25
°C
75
°C
Collector current I
C (mA)
0
0.1
0.3
600
500
400
300
200
100
1
3
10
30
100
Ta
= 75°C
25
°C
−25°C
VCE
= 1 V
Collector current I
C (mA)
−1
−3
−10 −30 −100 −300 −1 000
0
600
500
400
300
200
100
Emitter current I
E (mA)
VCB
= 10 V
Ta
= 25°C
0
1
6
5
4
3
2
1
3
10
30
100
Collector to base voltage V
CB (V)
IE
= 0
f
= 1 MHz
Ta
= 25°C
fT  IE
Cob  VCB
Switching time measurement circuit
ton , toff Test circuit
tstg Test circuit
220
Ω
3.3 k
Ω
0.1
µF
3.3 k
Ω
50
Ω
VCC
= 3 V
VOUT
50
Ω
VIN
= 10 V
VIN
= 10 V
VDD
= −3 V
VIN
VIN
VOUT
ton
toff
VOUT
10%
10%
90%
90%
910
Ω
500
Ω
0.1
µF
500
Ω
90
Ω
VCC
= 10 V
VOUT
50
Ω
VDD
= 2 V
1 k
Ω
A
0
VIN
tstg
VOUT
10%
10%
(Waveform at A)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com