Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS310 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # LS310
Description  Schottky Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

LS310 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  LS310 Datasheet HTML 1Page - First Silicon Co., Ltd LS310 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SEMICONDUCTOR
TECHNICAL DATA
LS32 ~ LS310
2013. 01. 21
1/2
Revision No : 0
Schottky Rectifier
■ Features
■ Outline Dimensions and Mark
●
Io
3.0A
●
VRRM
20V~100V
●
Low VF,Low power loss
●
High surge forward current capability
■ Applications
●
Rectifier
■ Limiting Values(Absolute Maximum Rating)
Item
Symbol Unit
Conditions
LS
32 33 34 35
36
Repetitive Peak Reverse
Voltage
VRRM
V
20
30
40
50
60
80
100
Average Rectified Output
Current
IO
A
60Hz One-way half-wave, R-load,Ta=75℃
3.0
Surge(Non-repetitive)
Forward Current
IFSM
A
60HZ sine wave, 1 cycle, Tj=25℃
80
Storage Temperature
Tstg
℃
-55 ~+150
Junction Temperature
Tj
℃
-55 ~+100
■ Electrical Characteristics(T
a=25℃ Unless otherwise specified)
Item
Symbol Unit
Test Condition
Peak Forward Voltage
VFM
V
IFM=3.0A
0.5
0.7
0.85
Peak Reverse Current
IRRM
mA
VRM=VRRM , Ta=25℃
0.5
Thermal Resistance
RθJ-L
℃/W
Between junction and lead
20
.142(3.60)
.134(3.40)
.110(2.80)
.094(2.40)
.057(1.45)
.053(1.35)
.189(4.80)
.173(4.40)
.009(0.22)
.006(0.15)
.053(1.35)
.045(1.15)
0.035(0.90)typical
Dimensions in inches and (millimeters)
SMAF
0.075
(1.9)
0.063
(1.6)
0.232
(5.9)
0.106
(2.7)
38 310
LS
32 33 34 35
36 38 310


Similar Part No. - LS310

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LS310 LINEAR-LS310 Datasheet
29Kb / 2P
MONOLITHIC DUAL NPN TRANSISTORS
logo
New Jersey Semi-Conduct...
LS310 NJSEMI-LS310 Datasheet
97Kb / 2P
MONOLITHIC DUAL NPN TRANSISTORS
logo
Micross Components
LS310 MICROSS-LS310 Datasheet
276Kb / 1P
Linear Systems High Voltage Super-Beta Monolithic Dual NPN
logo
Linear Integrated Syste...
LS310-3 LINEAR-LS310-3 Datasheet
29Kb / 2P
MONOLITHIC DUAL NPN TRANSISTORS
logo
BOWIN ELECTRONIC CO.
LS3101 BOWIN-LS3101 Datasheet
63Kb / 7P
Simple LCD micro-controller
More results

Similar Description - LS310

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com