Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1S7A-R Datasheet(PDF) 1 Page - GAPTEC Electronic GmbH & Co. KG

Part # 1S7A-R
Description  1W Single Output - Fixed Input - Isolated & Regulated SIP PACKAGE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

1S7A-R Datasheet(HTML) 1 Page - GAPTEC Electronic GmbH & Co. KG

  1S7A-R Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 1S7A-R Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 1S7A-R Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 1 of 3
1S7A_R – Rev. 2012-1.0
Specifications subject to change without notice.
Small Footprint
SIP Package
Low Ripple and good EMC
features
Temperature Range:
-40°C ~ +85°C
No Heat Sink Required
No External Component
Required
1KVDC Isolation
Internal SMD construction
Continuous Short Circuit
Protection (SCP)
Industry Standard Pinout
RoHS Compliance
1S7A_R Series
DC-DC Converter
1 Watt
The 1S7A Series is specially designed for applications where a single
power supply is highly isolated from the input power supply in a distri-
buted power supply system on a circuit board.
These products apply to:
1) Where the voltage of the input power supply is fixed
(voltage variation ≤±5%);
2) Where isolation is necessary between input and output
(isolation voltage ≤1000VDC);
3) Where the regulation of the output voltage and the output ripple
and noise are demanded.
1W Single Output - Fixed Input - Isolated & Regulated
SIP PACKAGE
Common specifications
Short circuit protection:
1 second
Temperature rise at full load:
25°C MAX, 15°C TYP
Cooling:
Free air convection
Operation temperature range:
-40°C – +85°C
Storage temperature range:
-55°C – +125°C
Lead temperature
300°C (1.5mm from case for 10 sec.)
Storage humidity range:
< 95%
Case material:
Plastic [UL94-V0]
MTBF:
>3,500,000 hours
Note:
1. Operation under minimum load will not damage the converter; However, they
may not meet all specification listed, and that will reduce the life of product.
2. All specifications measured at Ta=25°C, humidity<75%, nominal input voltage
and rated output load unless otherwise specified.
3. In this datasheet, all the test methods of indications are based on corporate
standards.
4. Only typical models listed, other models may be different, please contact our
technical person for more details.
Isolation specifications
Item
Test condition
Min
Typ
Max
Units
Isolation voltage
Tested for 1 minute
1000
VDC
Isolation resistance
Test at 500VDC
1000
MΩ
Output specifications
Item
Test condition
Min
Typ
Max
Units
Output power
0.1
1
W
Line regulation
For Vin change of ±5%
±0.25
%
Load regulation
10% to 100% full load
±1
%
Output voltage
accuracy
100% full load
±3
%
Temperature drift
100% full load
±0.03
%/°C
Ripple*
20MHz Bandwidth
10
20
mVp-p
Noise*
20MHz Bandwidth
50
75
mVp-p
Switching frequency
Full load, nominal
input
100
KHz
*Test ripple and noise by “parallel cable” method. See detailed operation
instructions at Testing of Power Converter section, application notes.
Model selection:
WCTP**_xxyyN##O
W=Watt; C= Case; T=Type; P=Pinning; **= Voltage Variation (omitted
± 10%);
xx= Vin; yy= Vout; N= Numbers of Output; ##= Isolation
(kVDC);
O= output regulation
Example:
1S7A_0505S1RP
1=1Watt; S7= SIP7; A=Pinning; 5Vin; 5Vout; S=Single Output;
1=1kVDC; R=Regulated Output; P= Short Circuit Protection
RoHS


Similar Part No. - 1S7A-R

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
1S7A-DS1U GAPTEC-1S7A-DS1U Datasheet
452Kb / 2P
1W - Dual Separate Output - Fixed Input - Isolated & Unregulated SIP PACKAGE
1S7A-DS3UP GAPTEC-1S7A-DS3UP Datasheet
402Kb / 3P
1W - Dual Separate Output - Fixed Input - Isolated & Unregulated SIP PACKAGE
More results

Similar Description - 1S7A-R

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
A-XM MICRODC-A-XM Datasheet
521Kb / 2P
1W, FIXED INPUT, ISOLATED UNREGULATED DUAL/SINGLE OUTPUT,SUPERMINIATURE SIP PACKAGE
A-XMS MICRODC-A-XMS Datasheet
533Kb / 2P
1W, FIXED INPUT, ISOLATED UNREGULATED DUAL/SINGLE OUTPUT,SUPERMINIATURE SIP PACKAGE
logo
RSG Electronic Componen...
RT3-R10D1WR RSG-RT3-R10D1WR Datasheet
650Kb / 4P
1W, fixed input voltage isolated & regulated single output
RT3-R10D3WR RSG-RT3-R10D3WR Datasheet
653Kb / 4P
1W, fixed input voltage isolated & regulated single output
logo
GAPTEC Electronic GmbH ...
1S4A GAPTEC-1S4A Datasheet
1Mb / 4P
1W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
1S4E GAPTEC-1S4E Datasheet
922Kb / 4P
1W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
1S7BE GAPTEC-1S7BE Datasheet
971Kb / 4P
1W Single Output - Fixed Input - Isolated & Regulated SIP PACKAGE
1S7WA GAPTEC-1S7WA Datasheet
529Kb / 2P
1W - Single/Dual Output - Wide Input - Isolated & Regulated SIP Package
1S7WB GAPTEC-1S7WB Datasheet
530Kb / 2P
1W - Single/Dual Output - Wide Input - Isolated & Regulated SIP Package
2S7A-1RP GAPTEC-2S7A-1RP Datasheet
811Kb / 3P
2W Single Output - Fixed Input - Isolated & Regulated SIP PACKAGE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com