Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1S7A-R Datasheet(PDF) 3 Page - GAPTEC Electronic GmbH & Co. KG

Part # 1S7A-R
Description  1W Single Output - Fixed Input - Isolated & Regulated SIP PACKAGE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

1S7A-R Datasheet(HTML) 3 Page - GAPTEC Electronic GmbH & Co. KG

  1S7A-R Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 1S7A-R Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 1S7A-R Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 3 of 3
1S7A_R – Rev. 2012-1.0
Specifications subject to change without notice.
Note:
Unit: mm[inch]
General tolerances: ±0.50mm [±0.020inch]
L=530mm [20.866inch]
Tube Quantity: 25pcs
L=220mm [8.661inch]
Tube Quantity: 10pcs
1S7A_R Series
1W Output Dual Output - Fixed Input - Isolated & Regulated
SIP PACKAGE
Tube Outline
Mechanical Dimensions
Note:
Unit: mm[inch]
Pin section tolerances: ±0.10mm [±0.004inch]
General tolerances: ±0.25mm [±0.010inch]
Application note
1) Requirement on output load
To ensure this module can operate efficiently and reliably, During opera-
tion, the minimum output load could not be less than 10% of the full
load. If the actual output power is very small, please connect a resistor
with proper resistance at the output end in parallel to increase the load,
or use our company’s products with a lower rated output power.
2) Recommended testing and application circuit
If you want to further decrease the input/output ripple, an “LC” filtering
network may be connected to the input and output ends of the DC/DC
converter, see (Figure 1).
It should also be noted that the inductance and the frequency of the
“LC” filtering network should be staggered with the DC/DC frequency to
avoid mutual interference. However, the capacitance of the output filter
capacitor must be proper. If the capacitance is too big, a startup prob-
lem might arise. For every channel of output, provided the safe and reli-
able operation is ensured, the greatest capacitance of its filter capacitor
sees (Table 1).
Vin
(VDC)
Cin
(uF)
Single Vout
(VDC)
Cout
(uF)
5
4.7
5
10
12
4.7
9
4.7
15
2.2
12
2.2
24
1
15
1
--
--
24
0.47
3) Input Over-voltage Protection Circuit
The simplest device for output voltage regulation, over-voltage and over-
current protection is a linear voltage regulator with overheat protection
that is connected to the input or output end in series (Figure 2).
4) Overload Protection
Under normal operating conditions, the output circuit of these products
has no protection against over-current. The simplest method is to con-
nect a self-recovery fuse in series at the input end or add a circuit brea-
ker to the circuit.
5) No parallel connection or plug and play
Figure 1
Figure 2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com