Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD3321 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # ESD3321
Description  LOW CAPACITANCE TVS DIODE ARRAY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

ESD3321 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  ESD3321 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd ESD3321 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd ESD3321 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd ESD3321 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd ESD3321 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd ESD3321 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd ESD3321 Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Features
Applications
Pin Configuration
Mechanical Characteristics
Absolute Maximum Ratings(Tamb=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Peak Pulse Power (8/20µs)
Ppp
96
W
ESD per IEC 61000−4−2 (Air)
VESD
±30
Kv
ESD per IEC 61000−4−2 (Contact)
±30
Operating Temperature Range
TJ
-55 to +125
℃
Storage Temperature Range
TSTJ
-55 to +150
℃
Dimensions
0.3
-
0.6
0.3
DFN0603
Ultra small package: 0.6x0.3x0.3mm
low capacitance
Protects one data or power line
Ultra low leakage: nA level
Operating voltage: 3.3V
Low clamping voltage
2-Pin leadless package
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±30kV
Contact discharge: ±30kV
– IEC61000-4-
7A (8/20 μs)
RoHS Compliant
Cellular Handsets and Accessories
Personal Digital Assistants
Notebooks and Handhelds
Portable Instrumentation
Digital Cameras
Peripherals
Audio Players
Keypads, Side Keys, USB 2.0, LCD Displays
Package: DFN0603-2 (0.6x0.3x0.3mm)
Case Material: “Green” Molding Compound.
Moisture Sensitivity: Level 3 per J-STD-020
Terminal Connections: See Diagram Below
Marking Information: See Below
ESD3321
5 (Lightning)
Rev :
www.leiditech.com
01.06.2019
1/7
LOW CAPACITANCE TVS DIODE ARRAY
– IEC61000-4-4 (EFT) 40A (5/50ns)


Similar Part No. - ESD3321

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
ESD3321C LEIDITECH-ESD3321C Datasheet
229Kb / 3P
USB 2.0 power and data line
ESD3321CH LEIDITECH-ESD3321CH Datasheet
1Mb / 7P
LOW CAPACITANCE TVS DIODE ARRAY
More results

Similar Description - ESD3321

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJDLLLC05 PANJIT-PJDLLLC05 Datasheet
316Kb / 3P
Low Capacitance TVS Diode Array
logo
Torex Semiconductor
XBP1007 TOREX-XBP1007_12 Datasheet
183Kb / 5P
Low Capacitance TVS Diode Array
XBP1001-12 TOREX-XBP1001-12 Datasheet
183Kb / 5P
Low Capacitance TVS Diode Array
XBP1002-12 TOREX-XBP1002-12 Datasheet
165Kb / 5P
Low Capacitance TVS Diode Array
XBP1006-12 TOREX-XBP1006-12 Datasheet
182Kb / 5P
Low Capacitance TVS Diode Array
XBP1007-12 TOREX-XBP1007-12 Datasheet
183Kb / 5P
Low Capacitance TVS Diode Array
logo
Yea Shin Technology Co....
YSBLCXXC YEASHIN-YSBLCXXC Datasheet
1Mb / 10P
LOW CAPACITANCE TVS DIODE ARRAY
YSULC0502T3 YEASHIN-YSULC0502T3 Datasheet
768Kb / 3P
Low Capacitance TVS Diode Array
logo
Torex Semiconductor
XBP1001 TOREX-XBP1001 Datasheet
183Kb / 5P
Low Capacitance TVS Diode Array
XBP1004 TOREX-XBP1004 Datasheet
169Kb / 5P
Low Capacitance TVS Diode Array
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com