Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR40100CT Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # MBR40100CT
Description  Dual Schottky Barrier Rectifiers Reverse Voltage 100 Volts Forward Current 40.0 Amperes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MBR40100CT Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  MBR40100CT Datasheet HTML 1Page - First Silicon Co., Ltd MBR40100CT Datasheet HTML 2Page - First Silicon Co., Ltd MBR40100CT Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SEMICONDUCTOR
TECHNICAL DATA
2017. 03. 05
1/3
Revision No : 0
Dual Schottky Barrier Rectifiers
Reverse Voltage 100 Volts Forward Current 40.0 Amperes
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Dual rectifier construction, positive center tap
Metal silicon junction, majority carrier conduction
Low power loss, high efficiency
Guardring for overvoltage protection
For use in low voltage, high frequency inverters, free wheeling,
and polarity protection applications
High temperature soldering guaranteed:
250°C/10 seconds, 0.25" (6.35mm) from case
Case: JEDEC TO-22B, TO-220F , TO-263 molded
plastic body
Terminals: Plated leads, solderable per MIL-STD-750,
Method 2026
Polarity: As marked
Mounting Position: Any
Mounting Torque: 10 in-lbs maximum
Weight: 0.08 ounce, 2.24 grams
a
t
a
D
l
a
c
i
n
a
h
c
e
M
s
e
r
u
t
a
e
F
TO-220
TO-220F
TO-263(D2PAK)
Mounting Pad Layout TO-263
Dimensions in inches and (millimeters)
MBR40100CT, MBRF40100CT, MBRB40100CT


Similar Part No. - MBR40100CT

ManufacturerPart #DatasheetDescription
logo
Sensitron
MBR40100CT SENSITRON-MBR40100CT Datasheet
87Kb / 5P
SCHOTTKY RECTIFIER
logo
Sirectifier Global Corp...
MBR40100CT SIRECT-MBR40100CT Datasheet
145Kb / 3P
Power Schottky Rectifier - 40Amp 100Volt
MBR40100CT SIRECT-MBR40100CT Datasheet
147Kb / 4P
Power Schottky Rectifier - 40Amp 100Volt
logo
Kersemi Electronic Co.,...
MBR40100CT KERSEMI-MBR40100CT Datasheet
1Mb / 4P
Power Schottky Rectifier - 40Amp 100Volt
logo
Microdiode Semiconducto...
MBR40100CT CHENDA-MBR40100CT Datasheet
667Kb / 2P
40 to 200 Volts Forward Current - 40.0 Amperes
More results

Similar Description - MBR40100CT

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SB270 GOOD-ARK-SB270_15 Datasheet
138Kb / 2P
Schottky Barrier Rectifiers Reverse Voltage 70 to 100 Volts Forward Current 2.0 Amperes
SB370_15VD GOOD-ARK-SB370_15VD Datasheet
151Kb / 2P
Schottky Barrier Rectifiers Reverse Voltage 70 to 100 Volts Forward Current 3.0 Amperes
logo
First Silicon Co., Ltd
TMBRF10100CT FS-TMBRF10100CT Datasheet
276Kb / 2P
Dual Schottky Barrier Rectifiers Reverse Voltage 100 Volts , Forward Current 10A
TMBRF20100CT FS-TMBRF20100CT Datasheet
402Kb / 2P
Dual Schottky Barrier Rectifiers Reverse Voltage 100 Volts , Forward Current 20A
TMBRF30100CT FS-TMBRF30100CT Datasheet
337Kb / 2P
Dual Schottky Barrier Rectifiers Reverse Voltage 100 Volts , Forward Current 30A
MBR3060CT FS-MBR3060CT Datasheet
222Kb / 3P
Dual Schottky Barrier Rectifiers Reverse Voltage 60 Volts Forward Current 30.0 Amperes
MBR10100CT FS-MBR10100CT Datasheet
321Kb / 3P
Dual Schottky Barrier Rectifiers Reverse Voltage 100 Volts , Forward Current 10A
MBR30100CT FS-MBR30100CT Datasheet
246Kb / 3P
Dual Schottky Barrier Rectifiers Reverse Voltage 100 Volts Forward Current 30.0 Amperes
MBR30150CT FS-MBR30150CT Datasheet
291Kb / 3P
Dual Schottky Barrier Rectifiers Reverse Voltage 150 Volts Forward Current 30.0 Amperes
MBR30200CT FS-MBR30200CT Datasheet
292Kb / 3P
Dual Schottky Barrier Rectifiers Reverse Voltage 200 Volts Forward Current 30.0 Amperes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com