Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P6KEXX Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # P6KEXX
Description  Transient Voltage Suppressors Peak Pulse Power 600W Breakdown Voltage 6.8 to 550V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

P6KEXX Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  P6KEXX Datasheet HTML 1Page - First Silicon Co., Ltd P6KEXX Datasheet HTML 2Page - First Silicon Co., Ltd P6KEXX Datasheet HTML 3Page - First Silicon Co., Ltd P6KEXX Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2011. 10. 18
2/4
Revision No : 0
P6KE6.8 thru P6KE550CA
s
c
it
s
ir
e
t
c
a
r
a
h
C
l
a
c
ir
t
c
e
l
E
(Ratings at 25oC ambient temperature unless otherwise specified.)
e
p
y
t
e
c
i
v
e
D
e
g
a
tl
o
v
n
w
o
d
k
a
e
r
B
V
)
R
B
(
)
s
tl
o
V
(
)
1
(
t
s
e
T
t
n
e
r
r
u
c
I
t
a
T
)
A
m
(
ff
o
-
d
n
a
t
S
e
g
a
tl
o
v
V
M
W
)
s
tl
o
V
(
m
u
m
i
x
a
M
e
s
r
e
v
e
r
e
g
a
k
a
e
l
V
t
a
M
W
I
D
)
3
(
(u )
A
m
u
m
i
x
a
M
e
s
l
u
p
k
a
e
p
t
n
e
r
r
u
c
I
M
P
P
)
2
(
)
A
(
m
u
m
i
x
a
M
g
n
i
p
m
a
l
c
t
a
e
g
a
tl
o
v
I
M
P
P
V
C
)
s
tl
o
V
(
m
u
m
i
x
a
M
e
r
u
t
a
r
e
p
m
e
t
t
n
e
i
c
if
f
e
o
c
V
f
o
)
R
B
(
/
%
(
o
)
C
.
n
i
M
.
x
a
M
8
.
6
E
K
6
2
P
1
.
6
8
4
.
7
0
1
0
5
.
5
0
0
0
1
6
.
5
5
8
.
0
1
7
5
0
.
0
A
8
.
6
E
K
6
5
P
4
.
6
4
1
.
7
0
1
0
8
.
5
0
0
0
1
1
.
7
5
5
.
0
1
7
5
0
.
0
5
.
7
E
K
6
5
P
7
.
6
5
2
.
8
0
1
5
0
.
6
0
0
5
3
.
1
5
7
.
1
1
1
6
0
.
0
A
5
.
7
E
K
6
3
P
1
.
7
8
8
.
7
0
1
0
4
.
6
0
0
5
1
.
3
5
3
.
1
1
1
6
0
.
0
2
.
8
E
K
6
8
P
3
.
7
2
0
.
9
0
1
3
6
.
6
0
0
2
0
.
8
4
5
.
2
1
5
6
0
.
0
A
2
.
8
E
K
6
9
P
7
.
7
1
6
.
8
0
1
2
0
.
7
0
0
2
6
.
9
4
1
.
2
1
5
6
0
.
0
1
.
9
E
K
6
9
P
1
.
8
0
.
0
1
0
.
1
7
3
.
7
0
5
5
.
3
4
8
.
3
1
8
6
0
.
0
A
1
.
9
E
K
6
5
P
6
.
8
5
5
.
9
0
.
1
8
7
.
7
0
5
8
.
4
4
4
.
3
1
8
6
0
.
0
0
1
E
K
6
0
P
0
.
9
0
.
1
1
0
.
1
0
1
.
8
0
1
0
.
0
4
0
.
5
1
3
7
0
.
0
A
0
1
E
K
6
0
P
5
.
9
5
.
0
1
0
.
1
5
5
.
8
0
1
4
.
1
4
5
.
4
1
3
7
0
.
0
1
1
E
K
6
0
P
9
.
9
1
.
2
1
0
.
1
2
9
.
8
0
.
5
0
.
7
3
2
.
6
1
5
7
0
.
0
A
1
1
E
K
6
5
P
.
0
1
6
.
1
1
0
.
1
0
4
.
9
0
.
5
5
.
8
3
6
.
5
1
5
7
0
.
0
2
1
E
K
6
8
P
.
0
1
2
.
3
1
0
.
1
2
7
.
9
0
.
5
7
.
4
3
3
.
7
1
6
7
0
.
0
A
2
1
E
K
6
4
P
.
1
1
6
.
2
1
0
.
1
2
.
0
1
0
.
5
9
.
5
3
7
.
6
1
8
7
0
.
0
3
1
E
K
6
7
P
.
1
1
3
.
4
1
0
.
1
5
.
0
1
0
.
5
6
.
1
3
0
.
9
1
1
8
0
.
0
A
3
1
E
K
6
4
P
.
2
1
7
.
3
1
0
.
1
1
.
1
1
0
.
5
0
.
3
3
2
.
8
1
1
8
0
.
0
5
1
E
K
6
5
P
.
3
1
5
.
6
1
0
.
1
1
.
2
1
0
.
1
3
.
7
2
0
.
2
2
4
8
0
.
0
A
5
1
E
K
6
3
P
.
4
1
8
.
5
1
0
.
1
8
.
2
1
0
.
1
3
.
8
2
2
.
1
2
4
8
0
.
0
6
1
E
K
6
4
P
.
4
1
6
.
7
1
0
.
1
9
.
2
1
0
.
1
5
.
5
2
5
.
3
2
6
8
0
.
0
A
6
1
E
K
6
2
P
.
5
1
8
.
6
1
0
.
1
6
.
3
1
0
.
1
7
.
6
2
5
.
2
2
6
8
0
.
0
8
1
E
K
6
2
P
.
6
1
8
.
9
1
0
.
1
5
.
4
1
0
.
1
6
.
2
2
5
.
6
2
8
8
0
.
0
A
8
1
E
K
6
1
P
.
7
1
9
.
8
1
0
.
1
3
.
5
1
0
.
1
8
.
3
2
2
.
5
2
8
8
0
.
0
0
2
E
K
6
0
P
.
8
1
0
.
2
2
0
.
1
2
.
6
1
0
.
1
6
.
0
2
1
.
9
2
0
9
0
.
0
A
0
2
E
K
6
0
P
.
9
1
0
.
1
2
0
.
1
1
.
7
1
0
.
1
7
.
1
2
7
.
7
2
0
9
0
.
0
2
2
E
K
6
8
P
.
9
1
2
.
4
2
0
.
1
8
.
7
1
0
.
1
8
.
8
1
9
.
1
3
2
9
0
.
0
A
2
2
E
K
6
9
P
.
0
2
1
.
3
2
0
.
1
8
.
8
1
0
.
1
6
.
9
1
6
.
0
3
2
9
0
.
0
4
2
E
K
6
6
P
.
1
2
4
.
6
2
0
.
1
4
.
9
1
0
.
1
3
.
7
1
7
.
4
3
4
9
0
.
0
A
4
2
E
K
6
8
P
.
2
2
2
.
5
2
0
.
1
5
.
0
2
0
.
1
1
.
8
1
2
.
3
3
4
9
0
.
0
7
2
E
K
6
3
P
.
4
2
7
.
9
2
0
.
1
8
.
1
2
0
.
1
3
.
5
1
1
.
9
3
6
9
0
.
0
A
7
2
E
K
6
7
P
.
5
2
4
.
8
2
0
.
1
1
.
3
2
0
.
1
0
.
6
1
5
.
7
3
6
9
0
.
0
0
3
E
K
6
0
P
.
7
2
0
.
3
3
0
.
1
3
.
4
2
0
.
1
8
.
3
1
5
.
3
4
7
9
0
.
0
A
0
3
E
K
6
5
P
.
8
2
5
.
1
3
0
.
1
6
.
5
2
0
.
1
5
.
4
1
4
.
1
4
7
9
0
.
0
3
3
E
K
6
7
P
.
9
2
3
.
6
3
0
.
1
8
.
6
2
0
.
1
6
.
2
1
7
.
7
4
8
9
0
.
0
A
3
3
E
K
6
4
P
.
1
3
7
.
4
3
0
.
1
2
.
8
2
0
.
1
1
.
3
1
7
.
5
4
8
9
0
.
0
6
3
E
K
6
4
P
.
2
3
6
.
9
3
0
.
1
1
.
9
2
0
.
1
5
.
1
1
0
.
2
5
9
9
0
.
0
A
6
3
E
K
6
2
P
.
4
3
8
.
7
3
0
.
1
8
.
0
3
0
.
1
0
.
2
1
9
.
9
4
9
9
0
.
0
9
3
E
K
6
1
P
.
5
3
9
.
2
4
0
.
1
6
.
1
3
0
.
1
6
.
0
1
4
.
6
5
0
0
1
.
0
A
9
3
E
K
6
1
P
.
7
3
0
.
1
4
0
.
1
3
.
3
3
0
.
1
1
.
1
1
9
.
3
5
0
0
1
.
0
3
4
E
K
6
7
P
.
8
3
3
.
7
4
0
.
1
8
.
4
3
0
.
1
7
.
9
9
.
1
6
1
0
1
.
0
A
3
4
E
K
6
9
P
.
0
4
2
.
5
4
0
.
1
8
.
6
3
0
.
1
1
.
0
1
3
.
9
5
1
0
1
.
0
7
4
E
K
6
3
P
.
2
4
7
.
1
5
0
.
1
1
.
8
3
0
.
1
8
.
8
8
.
7
6
1
0
1
.
0
A
7
4
E
K
6
7
P
.
4
4
4
.
9
4
0
.
1
2
.
0
4
0
.
1
3
.
9
8
.
4
6
1
0
1
.
0
1
5
E
K
6
9
P
.
5
4
1
.
6
5
0
.
1
3
.
1
4
0
.
1
2
.
8
5
.
3
7
2
0
1
.
0
A
1
5
E
K
6
5
P
.
8
4
6
.
3
5
0
.
1
6
.
3
4
0
.
1
6
.
8
1
.
0
7
2
0
1
.
0
6
5
E
K
6
4
P
.
0
5
6
.
1
6
0
.
1
4
.
5
4
0
.
1
5
.
7
5
.
0
8
3
0
1
.
0
A
6
5
E
K
6
2
P
.
3
5
8
.
8
5
0
.
1
8
.
7
4
0
.
1
8
.
7
0
.
7
7
3
0
1
.
0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com